Electronic Components Datasheet Search
  English  ▼

X  

3049 Datasheet(PDF) 4 Page - Alpha Wire

Part # 3049
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3049 Datasheet(HTML) 4 Page - Alpha Wire

  3049 Datasheet HTML 1Page - Alpha Wire 3049 Datasheet HTML 2Page - Alpha Wire 3049 Datasheet HTML 3Page - Alpha Wire 3049 Datasheet HTML 4Page - Alpha Wire 3049 Datasheet HTML 5Page - Alpha Wire 3049 Datasheet HTML 6Page - Alpha Wire 3049 Datasheet HTML 7Page - Alpha Wire 3049 Datasheet HTML 8Page - Alpha Wire 3049 Datasheet HTML 9Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
380
Wire > Hook-Up Wire > 300 V
Hook-Up Wire
300 V, PVC
UL AWM 1007, 1581, 1569
VW-1
CSA AWM I A/B FT1
CSA TR-64 FT1
Operating Temperature
• -40°C to +105°C (AWM 1569,
CSA AWM)
• -40°C to +90°C (CSA TR-64)
• -40°C to +80°C (AWM 1007,
1581)
Materials
• Stranded or solid tinned
copper conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Insulation Colors Z1
1 White
5 Yellow
9 Slate
13 White/Green
17 White/
Orange
29 Yellow/Green
2 Black
6 Blue
10 Violet
14 White/Yellow
18 White/
Slate
30 Pink
3 Red
7 Brown
11 White/Black
15 White/Blue
19 White/
Violet
4 Green
8 Orange
12 White/Red
16 White/Brown
28 Green/
Yellow
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Colors
AWG mm2
AWG
mm
Inch
mm
Inch
mm
3047
30
0.06
7/38
7 x 0.10
0.016
0.41
0.044
1.12
Z1, 1 - 10
3048
28
0.09
7/36
7 x 0.13
0.016
0.41
0.047
1.19
Z1, 1 - 10
3049
26
0.14
7/34
7 x 0.16
0.016
0.41
0.051
1.30
Z1, 1 - 10
3050/1
24
0.20
Solid
1 x 0.51
0.016
0.41
0.052
1.32
Z1, 1 - 10
3050
24
0.23
7/32
7 x 0.20
0.016
0.41
0.056
1.42
Z1, 1 – 19, 28,
30
892407T†
24
0.23
7/32
7 x 0.20
0.016
0.41
0.056
1.42
Z2, 0 - 9
892419†
24
0.24
19/36
19 x 0.13
0.016
0.41
0.057
1.45
Z2, 0 - 9
3051/1
22
0.32
Solid
1 x 0.64
0.016
0.41
0.057
1.45
Z1, 1 - 10
3051
22
0.35
7/30
7 x 0.25
0.016
0.41
0.062
1.57
Z1, 1 – 19, 28,
30
892207T†
22
0.35
7/30
7 x 0.25
0.016
0.41
0.062
1.57
Z2, 0 - 9
892219†
22
0.38
19/34
19 x 0.16
0.016
0.41
0.064
1.63
Z2, 0 - 9
3053
20
0.51
10/30
10 x 0.25 0.016
0.41
0.069
1.75
Z1, 1 – 19, 28,
30
892010T†
20
0.51
10/30
10 x 0.25 0.016
0.41
0.069
1.75
Z2, 0 - 9
3053/1
20
0.52
Solid
1 x 0.81
0.016
0.41
0.064
1.63
Z1, 1 - 10
892007†
20
0.56
7/28
7 x 0.32
0.016
0.41
0.070
1.78
Z2, 0 - 9
892019†
20
0.62
19/32
19 x 0.20 0.016
0.41
0.072
1.83
Z2, 0 - 9
3055
18
0.81
16/30
16 x 0.25 0.016
0.41
0.079
2.01
Z1, 1 – 19, 28,
30
891816T†
18
0.81
16/30
16 x 0.25
0.016
0.41
0.079
2.01
Z2, 0 - 9
3055/1
18
0.82
Solid
1 x 1.02
0.016
0.41
0.072
1.83
Z1, 1 - 10
891819†
18
0.96
19/30
19 x 0.25 0.016
0.41
0.082
2.08
Z2, 0 - 9
3057/1
16
1.31
Solid
1 x 1.29
0.016
0.41
0.083
2.11
Z1, 1 - 10
3057
16
1.32
26/30 26 x 0.25 0.016
0.41
0.092
2.34
Z1, 1 – 19, 28,
30
891441†
14
2.08
41/30
41 x 0.25 0.016
0.41
0.106
2.69
Z2, 0 - 9
891265*†
12
3.30
65/30 65 x 0.25 0.016
0.41
0.125
3.18
Z2, 0 - 9
891000*†
10
5.32
105/30 105 x 0.25 0.016
0.41
0.150
3.81
Z2, 0 - 9
*UL AWM 1581 and 1569. All others UL AWM 1007 and 1569.
†CSA AWM I A/B FT-1.
“T” indicates topcoat conductors.
Insulation Colors Z2
0 Black
4 Yellow
8 Slate
1 Brown
5 Green
9 White
2 Red
6 Blue
3 Orange
7 Violet
These wires also available in 500 ft (152 m) put-ups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com