Electronic Components Datasheet Search
  English  ▼

X  

3049 Datasheet(PDF) 6 Page - Alpha Wire

Part # 3049
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3049 Datasheet(HTML) 6 Page - Alpha Wire

Back Button 3049 Datasheet HTML 2Page - Alpha Wire 3049 Datasheet HTML 3Page - Alpha Wire 3049 Datasheet HTML 4Page - Alpha Wire 3049 Datasheet HTML 5Page - Alpha Wire 3049 Datasheet HTML 6Page - Alpha Wire 3049 Datasheet HTML 7Page - Alpha Wire 3049 Datasheet HTML 8Page - Alpha Wire 3049 Datasheet HTML 9Page - Alpha Wire 3049 Datasheet HTML 10Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
382
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, PVC
UL AWM 1015, 1028, 1230,
1231, 1232, 1283, 1284 VW-1
UL MTW, TW (14 to 8 AWG),
THW (6 to 1/0 AWG)
CSA AWM I A/B FT1 and
TEW-105
Operating Temperature
• -40°C to +105°C (AWM, TEW)
• -40°C to +90°C (MTW)
• -40°C to +75°C (THW)
• -40°C to +60°C (TW)
Materials
• Stranded bare copper
conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
UL
Style
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
461816
18
0.81
16/30
16 x 0.25 0.032
0.81
0.111
2.82
1015,
1230
461626
16
1.32
26/30
26 x 0.25 0.032
0.81
0.124
3.15
1015,
1230
461419
14
2.07
19/0.0147 19 x 0.37 0.032
0.81
0.138
3.51
1015,
1230
461219
12
3.29
19/0.0185 19 x 0.47 0.032
0.81
0.157
3.99
1015,
1230
461265
12
3.29
65/0.010
65 x 0.25
0.031
0.79
0.153
3.89
1015,
1230
461019
10
5.26
19/0.0234 19 x 0.59 0.032
0.81
0.181
4.60
1015,
1230
460819
8
8.38
19/0.0295 19 x 0.75 0.047
1.19
0.242
6.15
1028,
1231
460619
6
13.32
19/0.0372 19 x 0.94 0.063
1.59
0.311
7.90
1283,
1232
460419
4
21.09
19/0.0469 19 x 1.19
0.063
1.59
0.360
9.14
1283,
1232
460219
2
33.63
19/0.0591 19 x 1.50 0.063
1.59
0.421
10.69
1283,
1232
460001
1/0
53.39
19/0.0745 19 x 1.89 0.078
1.98
0.529
13.44
1284,
1232
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com