Electronic Components Datasheet Search
  English  ▼

X  

3049 Datasheet(PDF) 41 Page - Alpha Wire

Part # 3049
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3049 Datasheet(HTML) 41 Page - Alpha Wire

Back Button 3049 Datasheet HTML 37Page - Alpha Wire 3049 Datasheet HTML 38Page - Alpha Wire 3049 Datasheet HTML 39Page - Alpha Wire 3049 Datasheet HTML 40Page - Alpha Wire 3049 Datasheet HTML 41Page - Alpha Wire 3049 Datasheet HTML 42Page - Alpha Wire 3049 Datasheet HTML 43Page - Alpha Wire 3049 Datasheet HTML 44Page - Alpha Wire 3049 Datasheet HTML 45Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
417
Wire > Hook-Up Wire > Photovoltaic > 600/1000 V
Hook-Up Wire
600/1000 V Photovoltaic Wire, LSZH, LSZH
UL 4703 PV VW-1 (600 V)
UL Sunlight Resistant
TÜV 2 PFG 1169 (1000 V)
IEC 60332-1
IEC 60754-1 and 60754-2
Operating Temperature
• -40°C to +125°C
• -40°C to +90°C (TÜV and UL)
• +120°C maximum temperature
at conductor (TÜV)
Materials
• Stranded tinned copper
conductor
• Black cross-linked LSZH
insulation
• Black cross-linked LSZH jacket
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation/Jacket
Thickness
Nominal
Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
PVT1430
14
2.5
50/30
50 x
0.25
0.045/
0.032
1.14/
0.81
0.230
5.84
PVT1228
12
4.0
56/28
56 x
0.32
0.045/
0.032
1.14/
0.81
0.252
6.40
PVT1028
10
6.0
84/28
84 x
0.32
0.045/
0.032
1.14/
0.81
0.275
6.99
PVT0826
8
10
78/26
78 x
0.40
0.060/
0.032
1.52/
0.81
0.340
8.64
PVT0626
6
16
128/26
128 x
0.40
0.060/
0.032
1.52/
0.81
0.386
9.80
PVT0426
4
25
199/26
199 x
0.40
0.060/
0.032
1.52/
0.81
0.436
11.07
PVT0226
2
35
279/26
279 x
0.40
0.060/
0.032
1.52/
0.81
0.484 12.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com