Electronic Components Datasheet Search
  English  ▼

X  

3049 Datasheet(PDF) 16 Page - Alpha Wire

Part # 3049
Description  Hook-Up Wire
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3049 Datasheet(HTML) 16 Page - Alpha Wire

Back Button 3049 Datasheet HTML 12Page - Alpha Wire 3049 Datasheet HTML 13Page - Alpha Wire 3049 Datasheet HTML 14Page - Alpha Wire 3049 Datasheet HTML 15Page - Alpha Wire 3049 Datasheet HTML 16Page - Alpha Wire 3049 Datasheet HTML 17Page - Alpha Wire 3049 Datasheet HTML 18Page - Alpha Wire 3049 Datasheet HTML 19Page - Alpha Wire 3049 Datasheet HTML 20Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
392
Wire > Hook-Up Wire > 1000/300 V
Hook-Up Wire
1000/300 V, Irradiated PVC
Soldering Iron Resistant
MIL-DTL-16878/2 (Type C)
(1000 V)
UL AWM 1430 (300 V)
CSA REW XLPVC FT1 (300 V)
Operating Temperature
• -55°C to +105°C
Materials
• Stranded tinned copper
conductor
• Irradiated PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part
No.
Wire Size
Stranding
Insulation
Thickness
Nominal
Diameter
Colors
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
7130
24
0.23
7/32
7 x 0.20
0.016
0.41
0.056
1.42
1 – 10, 29
7131
22
0.35
7/30
7 x 0.25
0.016
0.41
0.062
1.57
1 – 10
7132
20
0.56
7/ 28
7 x 0.32
0.016
0.41
0.070
1.78
1 – 10
7133
18
0.89
7/26
7 x 0.40
0.016
0.41
0.080
2.03
1 – 10, 29
7134
16
1.32
19/0.0117
19 x 0.30
0.016
0.41
0.088
2.24
1 – 10, 29
7035*
14
2.07
19/0.0147 19 x 0.37
0.016
0.41
0.103
2.62
1 – 10, 29
7036*
12
3.29
19/0.0185 19 x 0.47
0.016
0.41
0.122
3.10
1 – 10, 29
*UL AWM 3317
Insulation Colors
1 White
5 Yellow
9 Slate
2 Black
6 Blue
10 Violet
3 Red
7 Brown
29 Yellow/Green
4 Green
8 Orange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com