Electronic Components Datasheet Search
  English  ▼

X  

LP3907 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 16Page - Texas Instruments LP3907 Datasheet HTML 17Page - Texas Instruments LP3907 Datasheet HTML 18Page - Texas Instruments LP3907 Datasheet HTML 19Page - Texas Instruments LP3907 Datasheet HTML 20Page - Texas Instruments LP3907 Datasheet HTML 21Page - Texas Instruments LP3907 Datasheet HTML 22Page - Texas Instruments LP3907 Datasheet HTML 23Page - Texas Instruments LP3907 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
LP3907
SNVS511N – JUNE 2007 – REVISED AUGUST 2011
www.ti.com
Typical Performance Characteristics — Bucks
VIN= 3.6V, TA = 25°C, VOUT = 1.2V unless otherwise noted
Load Transient Response
Mode Change by Load Transient
VOUT = 1.2V, ILOAD = 300–500mA (PWM Mode)
VOUT = 1.2V, ILOAD = 50–150mA (PFM to PWM Mode)
Line Transient Response
Line Transient Response
VIN = 3.6 – 4.2V, VOUT = 1.2V, 250mA load
VIN = 3.6 – 4.2V, VOUT = 3.3V, 250 mA load
Start up into PWM Mode
Start up into PWM Mode
VOUT = 1.2V, 1.0A load
VOUT = 3.3 V, 600mA load
Start up into PFM Mode
Start up into PFM Mode
VOUT = 1.2V, 30mA load
VOUT = 3.3V, 30mA load
20
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LP3907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com