Electronic Components Datasheet Search
  English  ▼

X  

LP3907 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 40Page - Texas Instruments LP3907 Datasheet HTML 41Page - Texas Instruments LP3907 Datasheet HTML 42Page - Texas Instruments LP3907 Datasheet HTML 43Page - Texas Instruments LP3907 Datasheet HTML 44Page - Texas Instruments LP3907 Datasheet HTML 45Page - Texas Instruments LP3907 Datasheet HTML 46Page - Texas Instruments LP3907 Datasheet HTML 47Page - Texas Instruments LP3907 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
LP3907
SNVS511N – JUNE 2007 – REVISED AUGUST 2011
www.ti.com
Capacitor
Min Value
Unit
Description
Recommended Type
CLDO1
0.47
µF
LDO1 output capacitor
Ceramic, 6.3V, X5R
CLDO2
0.47
µF
LDO2 output capacitor
Ceramic, 6.3V, X5R
CSW1
10.0
µF
SW1 output capacitor
Ceramic, 6.3V, X5R
CSW2
10.0
µF
SW2 output capacitor
Ceramic, 6.3V, X5R
I2C Pullup Resistor
Both SDA and SCL terminals need to have pullup resistors connected to VINLDO12 or to the power supply of the
I2C master. The values of the pull-up resistors (typ.
∼1.8kΩ) are determined by the capacitance of the bus. Too
large of a resistor combined with a given bus capacitance will result in a rise time that would violate the max. rise
time specification. A too small resistor will result in a contention with the pull-down transistor on either slave(s) or
master.
Operation without I2C Interface
Operation of the LP3907 without the I2C interface is possible if the system can operate with default values for the
LDO and Buck regulators. (Read below: Factory programmable options). The I2C-less system must rely on the
correct default output values of the LDO and Buck converters.
Factory Programmable Options
The following options are EPROM programmed during final test of the LP3907. The system designer that needs
specific options is advised to contact the local National Semiconductor sales office.
Factory programmable options
Current value
Enable delay for power on
code 010 (see Control 1 register section)
SW1 ramp speed
8 mV/µs
SW2 ramp speed
8 mV/µs
The I2C Chip ID address is offered as a metal mask option. The current address for the LLP chip equals 0x60,
while the address for the micro SMD chip is 0x61.
HIGH VIN HIGH-LOAD OPERATION
Additional information is provided when the IC is operated at extremes of VIN and regulator loads. These are
described in terms of the Junction temperature and, Buck output ripple management.
JUNCTION TEMPERATURE
The maximum junction temperature TJ-MAX-OP of 125°C of the IC package.
The following equations demonstrate junction temperature determination, ambient temperature TA-MAX and Total
chip power must be controlled to keep TJ below this maximum:
TJ-MAX-OP = TA-MAX + (θJA) [°C/ Watt] * (PD-MAX) [Watts]
Total IC power dissipation PD-MAX is the sum of the individual power dissipation of the four regulators plus a minor
amount for chip overhead. Chip overhead is Bias, TSD & LDO analog.
PD-MAX = PLDO1 + PLD02 + PBUCK1 + PBUCK2 + (0.0001A * VIN) [Watts].
Power dissipation of LDO1
PLDO1 = (VINLDO1- VOUTLDO1) * IoutLDO1 [V*A]
Power dissipation of LDO2
PLDO2 = (VINLDO2 - VoutLDO2) * IoutLDO2 [V*A]
Power dissipation of Buck1
PBuck1 = PIN – POUT =
VoutBuck1* IoutBuck1 * (1 -η1) / η1 [V*A]
44
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LP3907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com