Electronic Components Datasheet Search
  English  ▼

X  

LP3907 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 23Page - Texas Instruments LP3907 Datasheet HTML 24Page - Texas Instruments LP3907 Datasheet HTML 25Page - Texas Instruments LP3907 Datasheet HTML 26Page - Texas Instruments LP3907 Datasheet HTML 27Page - Texas Instruments LP3907 Datasheet HTML 28Page - Texas Instruments LP3907 Datasheet HTML 29Page - Texas Instruments LP3907 Datasheet HTML 30Page - Texas Instruments LP3907 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
EN1
nPOR
RDY1
EN2
RDY2
EN1
nPOR
RDY1
EN2
RDY2
0V
0V
Case1
Case2
EN1
nPOR
RDY1
EN2
RDY2
Case3
Counter
delay
t1
t2
t1
t2
Counter
delay
t1
t2
Counter
delay
LP3907
www.ti.com
SNVS511N – JUNE 2007 – REVISED AUGUST 2011
Figure 7. NPOR With Counter Delay
The above diagram shows the simplest application of the Power On Reset, where both switcher enables are tied
together. In Case 1, EN1 causes nPOR to transition LOW and triggers the nPOR delay counter. If the power
supply for Buck2 does not come on within that period, nPOR will stay LOW, indicating a power fail mode. Case 2
indicates the vice versa scenario if Buck1 supply did not come on. In both cases the nPOR remains LOW.
Case 3 shows a typical application of the Power On Reset, where both switcher enables are tied together. Even
if RDY1 ramps up slightly faster than RDY2 (or vice versa), then nPOR signal will trigger a programmable delay
before going HIGH, as explained below.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP3907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com