Electronic Components Datasheet Search
  English  ▼

X  

LP3907 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP3907
Description  Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C-Compatible Interface
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP3907 Datasheet HTML 26Page - Texas Instruments LP3907 Datasheet HTML 27Page - Texas Instruments LP3907 Datasheet HTML 28Page - Texas Instruments LP3907 Datasheet HTML 29Page - Texas Instruments LP3907 Datasheet HTML 30Page - Texas Instruments LP3907 Datasheet HTML 31Page - Texas Instruments LP3907 Datasheet HTML 32Page - Texas Instruments LP3907 Datasheet HTML 33Page - Texas Instruments LP3907 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Delay Mask Counter
Delay Mask Counter
Q
Q
R
S
Delay
nPOR
EN1
RDY1
EN2
RDY2
POR
LP3907
SNVS511N – JUNE 2007 – REVISED AUGUST 2011
www.ti.com
Figure 10. Design Implementation of the Flexible Power-On Reset
An internal Power-on reset of the IC is used with EN1, and EN2 to produce a reset signal (LOW) to the delay
timer nPOR. EN1 and RDY1 or EN2 and RDY2 are used to generate the set signal (HIGH) to the delay timer.
S=R=1 never occurs. The mask timers are triggered off EN1 and EN2 which are gated with RDY1, and RDY2 to
generate outputs to the final AND gate to generate the nPOR.
Under Voltage Lock Out
The LP3907 features an “under voltage lock out circuit”. The function of this circuit is to continuously monitor the
raw input supply voltage (VINLDO12) and automatically disables the four voltage regulators whenever this supply
voltage is less than 2.8VDC.
The circuit incorporates a bandgap based circuit that establishes the reference used to determine the 2.8VDC
trip point for a VIN OK – Not OK detector. This VIN OK signal is then used to gate the enable signals to the four
regulators of the LP3907. When VINLDO12 is greater than 2.8VDC the four enables control the four regulators,
when VINLDO12 is less than 2.8VDC the four regulators are disabled by the VIN detector being in the “Not OK”
state. The circuit has built in hysteresis to prevent chattering occurring.
I
2C Compatible Serial Interface
I2C SIGNALS
The LP3907 features an I2C compatible serial interface, using two dedicated pins: SCL and SDA for I2C clock
and data respectively. Both signals need a pull-up resistor according to the I2C specification. The LP3907
interface is an I2C slave that is clocked by the incoming SCL clock.
Signal timing specifications are according to the I2C bus specification. The maximum bit rate is 400kbit/s. See I2C
specification from Philips for further details.
I2C DATA VALIDITY
The data on the SDA line must be stable during the HIGH period of the clock signal (SCL), e.g.- the state of the
data line can only be changed when CLK is LOW.
30
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LP3907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com