Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 2 Page - Texas Instruments

  LM2633 Datasheet HTML 1Page - Texas Instruments LM2633 Datasheet HTML 2Page - Texas Instruments LM2633 Datasheet HTML 3Page - Texas Instruments LM2633 Datasheet HTML 4Page - Texas Instruments LM2633 Datasheet HTML 5Page - Texas Instruments LM2633 Datasheet HTML 6Page - Texas Instruments LM2633 Datasheet HTML 7Page - Texas Instruments LM2633 Datasheet HTML 8Page - Texas Instruments LM2633 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
LM2633
SNVS139C – MAY 2004 – REVISED APRIL 2005
www.ti.com
Current limit for either of the two switching channels is achieved through sensing the top FET VDS and the value
is adjustable. The two switching controllers have under-voltage and over-voltage latch protections, and the linear
regulator has under-voltage latch protection. Under-voltage latch can be disabled or delayed by a programmable
amount of time.
The input voltage for the switching channels ranges from 5V to 30V, which makes possible the choice of different
battery chemistries and options.
Connection Diagram
TOP VIEW
Figure 1. 48-Lead TSSOP (MTD)
Pin Functions
Pin Descriptions
FB1 (Pin 1):The feedback input for Channel 1. Connect to the load directly.
COMP1 (Pin 2): Channel 1 compensation network connection (connected to the output of the voltage error amplifier).
NC (Pins 3, 14, 15, 20, 26, 28, 37 and 47): No internal connection.
ON/SS1 (Pin 4): Adding a capacitor to this pin provides a soft-start function which minimizes inrush current and output voltage overshoot; A
lower than 0.8V input (open-collector type) at this pin turns off Channel 1; also if both ON/SS1 and ON/SS2 pins are below 0.8V, the whole
IC goes into shut down mode. The soft-start capacitor voltage will eventually be charged to VIN or 6V, whichever is lower.
ON/SS2 (Pin 5): Adding a capacitor to this pin provides a soft-start function which minimizes inrush current and output voltage overshoot; A
lower than 0.8V input (open-collector type) at this pin turns off Channel 2; also if both ON/SS1 and ON/SS2 pins are below 0.8V, the whole
IC goes into shut down mode. The soft-start capacitor voltage will eventually be charged to VIN or 6V, whichever is lower.
VID4-0 (Pins 6-10): Voltage identification code. Each pin has an internal pull-up. They can accept open collector compatible 5-bit binary
code from the CPU. The code table is shown in Table 3.
UV_ DELAY (Pin 11): A capacitor from this pin to ground adjusts the delay for the output under-voltage lockout.
FPWM (Pin 12): When FPWM is low, pulse-skip mode operation at light load is disabled. The regulator is forced to operate in constant
frequency mode.
2
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com