Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM2633 Datasheet HTML 35Page - Texas Instruments LM2633 Datasheet HTML 36Page - Texas Instruments LM2633 Datasheet HTML 37Page - Texas Instruments LM2633 Datasheet HTML 38Page - Texas Instruments LM2633 Datasheet HTML 39Page - Texas Instruments LM2633 Datasheet HTML 40Page - Texas Instruments LM2633 Datasheet HTML 41Page - Texas Instruments LM2633 Datasheet HTML 42Page - Texas Instruments LM2633 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
H(s) =
Vo
^
Vc
^
A
c =
A
o
1+G(s)H(s)
A
o =
Fp(s)Fh(s)
Vin
^
Vo
^
(mcD' - 0.5)
R
+
D[mcD' - (1-D/2)]
#
Lf
-60
-40
-20
0
20
-180
-135
-90
-45
0
100
1k
10k
100k
FREQUENCY (Hz)
Q=0.05
Q=10
Q=0.05
Q=10
Curves change continuously with Q.
Plotted Q values: 0.05, 0.1, 0.2, 0.5, 1, 2, 10.
LM2633
www.ti.com
SNVS139C – MAY 2004 – REVISED APRIL 2005
The power stage component selection can be significantly different from the example values. Figure 20 shows
how the two high frequency poles of a current-mode-control buck regulator change with the Q value.
Figure 20. How Control-Output Transfer Function Changes with Q Values
When Q is higher than 0.5, there will be a double-pole at half the switching frequency fn. When Q is lower than
0.5, the double-pole is damped and becomes two separate poles. The lower the Q value is, the farther apart the
two poles are. When Q is too low (such as Q = 0.05 or lower), one of the two high frequency poles may move
well into the low frequency region. When Q is too high (such as Q = 5 or higher), there will be significant peaking
at half the switching frequency and the phase will rapidly go to
−180° near it. This typically results in a lower
cross-over frequency so that the peaking in the loop gain is well below the 0dB line.
Q is a function of duty cycle and the deepness of the ramp compensation (mc). See Equation 44. The larger the
duty cycle, the higher the Q value. The deeper the ramp compensation, the lower the Q value. When the inductor
current ramp is too much smaller than the compensation ramp, one of the two high frequency poles will move far
into the low frequency region and form a double-pole with the existing low frequency pole fp. That makes it a
voltage-mode control.
The ramp compensation becomes deeper when inductance is increased, or input voltage is decreased, or sense
resistance is decreased.
In the case of Channel 1 of LM2633, if L = 1 to 3µH, Vin = 5 to 24V, Vo = 0.925 to 2V, Rds = 5 to 20mΩ, the Q
value will be between 0.65 and 0.2.
AUDIO SUSCEPTIBILITY
Audio susceptibility is the transfer function from input to output. In a typical power supply design, it is desirable to
have as much attenuation in that transfer function as possible so that noise appearing at the input has little effect
on the output. The open-loop audio susceptibility given by the model in Figure 12 is:
(73)
The closed-loop audio susceptibility is simply:
(74)
where H(s) is the compensation transfer function defined by:
(75)
It can be seen from Equation 73 that if mc is equal to 1/(2D')+0.5, then the open-loop audio susceptibility is zero.
Unfortunately, the transfer function is rather sensitive to the value of mc around the critical value and thus this
phenomenon is of little value.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM2633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com