Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2633 Datasheet HTML 3Page - Texas Instruments LM2633 Datasheet HTML 4Page - Texas Instruments LM2633 Datasheet HTML 5Page - Texas Instruments LM2633 Datasheet HTML 6Page - Texas Instruments LM2633 Datasheet HTML 7Page - Texas Instruments LM2633 Datasheet HTML 8Page - Texas Instruments LM2633 Datasheet HTML 9Page - Texas Instruments LM2633 Datasheet HTML 10Page - Texas Instruments LM2633 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
LM2633
www.ti.com
SNVS139C – MAY 2004 – REVISED APRIL 2005
Table 2. POWER GOOD TRUTH TABLE (continued)
Input
Output
ovp1
ovp2
uvpg1
uvpg2
uvpglr
new vid
ch1 on
ch2 on
fault
latch off
PGOOD
1
0
π = 0
0
1
0
1
0
All other combinations
1
Table 3. VID CODE AND DAC OUTPUT
VID4
VID3
VID2
VID1
VID0
DAC Voltage (V)
1
1
1
1
1
No CPU*
1
1
1
1
0
0.925
1
1
1
0
1
0.950
1
1
1
0
0
0.975
1
1
0
1
1
1.000
1
1
0
1
0
1.025
1
1
0
0
1
1.050
1
1
0
0
0
1.075
1
0
1
1
1
1.100
1
0
1
1
0
1.125
1
0
1
0
1
1.150
1
0
1
0
0
1.175
1
0
0
1
1
1.200
1
0
0
1
0
1.225
1
0
0
0
1
1.250
1
0
0
0
0
1.275
0
1
1
1
1
No CPU
0
1
1
1
0
1.30
0
1
1
0
1
1.35
0
1
1
0
0
1.40
0
1
0
1
1
1.45
0
1
0
1
0
1.50
0
1
0
0
1
1.55
0
1
0
0
0
1.60
0
0
1
1
1
1.65
0
0
1
1
0
1.70
0
0
1
0
1
1.75
0
0
1
0
0
1.80
0
0
0
1
1
1.85
0
0
0
1
0
1.90
0
0
0
0
1
1.95
0
0
0
0
0
2.00
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com