Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2633 Datasheet HTML 17Page - Texas Instruments LM2633 Datasheet HTML 18Page - Texas Instruments LM2633 Datasheet HTML 19Page - Texas Instruments LM2633 Datasheet HTML 20Page - Texas Instruments LM2633 Datasheet HTML 21Page - Texas Instruments LM2633 Datasheet HTML 22Page - Texas Instruments LM2633 Datasheet HTML 23Page - Texas Instruments LM2633 Datasheet HTML 24Page - Texas Instruments LM2633 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
LM2633
www.ti.com
SNVS139C – MAY 2004 – REVISED APRIL 2005
causing the output voltage to ramp up. During this time, the error amplifier output voltage is clamped at 0.8V, and
the duty cycle generated by the PWM comparator is ignored. When the corresponding output voltage exceeds
99% of the set target voltage, the mode of the channel transitions from soft start to operating. As a result, the
high clamp at the output of the error amplifier is switched to 2V. Beyond this point, once the PWM pulses
generated by the PWM comparator are wider than that generated by the MIN_ON_TIME comparator, the PWM
comparator takes over and starts to regulate the output voltage. That is, peak current mode control now takes
place.
The speed at which the duty cycle grows depends on the capacitance of the soft start capacitor. The higher the
capacitance, the slower the speed. However, that speed is independent of how fast the input voltage rises. That
is because the ramp signal used to generate the soft start duty cycle has a slope proportional to input voltage,
making the product of duty cycle and input voltage a value that is independent of input voltage. This feature
makes the soft start process more predictable and reliable because whether the input power supply goes through
a soft start process or is applied abruptly does not affect the LM2633 soft start.
During soft start, under-voltage protection is disabled. But over-voltage protection and current limit are in place.
When the ON/SSx pin voltage exceeds 3.5V, a soft start time out signal (sstox) will be issued. This signal
enables the under-voltage protection. See the Under-Voltage Protection section.
SHUTDOWN MODE
If both ON/SSx pins are pulled low, the IC will be in shut down mode. Both top gate-drives of the two switching
channels are turned off while both bottom gate-drives remain on. The linear channel is also disabled.
The same thing happens to the gate drives when the input voltage is brought below the UVLO threshold.
TURNING OFF A SWITCHING CHANNEL
A switching channel can be turned off by pulling its ON/SSx pin below about 1.1V. Upon detecting a low level on
ON/SSx pin, the corresponding top gate-drive will be turned off and the bottom gate-drive will be turned on.
In a high current application, it may be necessary to take special measures to make sure that the output voltage
does not go too negative during shutdown. One of those measures is to add a Schottky diode in parallel with
output capacitors. Another measure is to fine tune the power stage parameters such as inductance and
capacitance values.
FAULT STATE
Whenever the input voltage becomes too low (less than about 3.9V), or the IC is too hot and enters thermal shut
down mode, a "fault" signal will be generated internally. This signal will discharge the capacitor connected
between the ON/SSx pin and ground with 3 µA of current until the pin reaches 1.1V. The switching channels will
be turned off upon seeing this signal.
In the fault state, OVP and UVP are disabled and shut down latch is released.
FORCE-PWM MODE
This mode applies to both switching channels si-multaneously. The force-PWM mode is activated by pulling the
FPWM pin to logic low. In this mode, the top FET and the bottom FET gate signals are always complementary to
each other. The 0-CROSSING / NEGATIVE CURRENT LIMIT comparator will be set to detect the negative
current limit. In force-PWM mode, the regulator always operates in Continuous Conduction Mode (CCM) and its
steady-state duty cycle (approximately VOUT / VIN) is almost independent of load.
The force-PWM mode is good for applications where fixed switching frequency is required. It also offers the
fastest load transient response.
In force-PWM mode, the top FET has to be turned on for a minimum of 220ns each cycle. However, when the
required duty cycle is less than the minimum value, the skip comparator will be activated and pulses will be
skipped to maintain regulation.
SKIP COMPARATOR
Whenever the COMPx pin voltage goes below the 0.5V threshold, the PWM cycles will be "skipped" until that
voltage again exceeds the threshold.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com