Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM2633 Datasheet HTML 30Page - Texas Instruments LM2633 Datasheet HTML 31Page - Texas Instruments LM2633 Datasheet HTML 32Page - Texas Instruments LM2633 Datasheet HTML 33Page - Texas Instruments LM2633 Datasheet HTML 34Page - Texas Instruments LM2633 Datasheet HTML 35Page - Texas Instruments LM2633 Datasheet HTML 36Page - Texas Instruments LM2633 Datasheet HTML 37Page - Texas Instruments LM2633 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
fp
(D'm
c - 0.5
)
#
2SCR
1
+
1
2SLCf
Fh(s) =
1
s
2
(2Sfn)
2
+
1+
s
2SfnQ
fz =
1
S
CR
e
Fp(s) =
1+
2Sfz
s
1+
2Sfp
s
M
=
R
Ri
˜
1
(D'mc - 0.5)
1 +
R
Lf
G(s) =
Vc
^
#
Vo
^
˜
˜
M Fp(s) Fh(s)
S
(D'mc - 0.5)
1
Q =
fn =
f
2
= koRe x
Vo
^
Vc
^
1
1 +
2SfnQ (2Sfn)
2
s
s
2
+
L
R
e
g
o
C
s
v
o
+
-
v
c
k
o
LM2633
SNVS139C – MAY 2004 – REVISED APRIL 2005
www.ti.com
α = LCsC(R + Re)
(38)
β = goLC(R + Re) + Cs(CRRe + L)
(39)
γ = C(R + Re) + go(CRRe + L) + CsR
(40)
δ = 1 + goR
(41)
For a reasonable design, the output filter has large attenuation at large complex frequencies (i.e. large s values).
At s values where 1/sC is smaller than Re, the power stage can be reduced to the one shown in Figure 13.
Figure 13. Simplified Power Stage at High Frequencies
The transfer function can be re-written as:
(42)
Where
(43)
(44)
All the Re terms are omitted in the denominator because their values are negligible compared to other terms.
Since the denominator of the control-output transfer function is a third-order polynomial, and its coefficients are
positive real numbers, the transfer function either has one real pole and two complex poles that are complex
conjugates or has three real poles. Thus it can be approximately written in the following format:
(45)
Where
(46)
and
(47)
where
(48)
and
(49)
The value of fp can be determined by comparing the denominators of Equation 45 and Equation 37. The result is:
(50)
From the above expressions, it can be seen that the control-output transfer function has three poles and one
zero. Of the three poles, one is a real pole (fp) that is located at low frequency, the other two are either complex
conjugates that are located at half the switching frequency (fn), or are separated real poles, depending on the Q
value. When Q value is less than 0.5, the two high frequency poles will become two real poles.
34
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com