Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2633 Datasheet HTML 7Page - Texas Instruments LM2633 Datasheet HTML 8Page - Texas Instruments LM2633 Datasheet HTML 9Page - Texas Instruments LM2633 Datasheet HTML 10Page - Texas Instruments LM2633 Datasheet HTML 11Page - Texas Instruments LM2633 Datasheet HTML 12Page - Texas Instruments LM2633 Datasheet HTML 13Page - Texas Instruments LM2633 Datasheet HTML 14Page - Texas Instruments LM2633 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
LM2633
www.ti.com
SNVS139C – MAY 2004 – REVISED APRIL 2005
Electrical Characteristics (continued)
VCC = +15V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA
= TJ = +25°C. Limits appearing in boldface type apply over 0°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vfb2
Channel 2 DC Output
COMP2 pin from 0.5V to 1.8V
1.217
1.238
1.259
V
Voltage Accuracy
Linear Regulator Controller
Vfb3
Channel 3 DC Output
1.215
1.24
1.265
V
Voltage Accuracy
Vg3_sk
G3 Sink Current
20
µA
Ig3_sc
G3 Minimum Source
20
mA
Current
Vg3_max
G3 Maximum Voltage
3.6
V
Logic Inputs and Outputs
Vih
Minimum High Level Input
Voltage (FPWM, VID0-
2.0
V
VID4)
Vil
Maximum Low Level Input
Voltage (FPWM, ON/SS1,
0.8
V
ON/SS2, VID0-VID4)
Ioh_pg
PGOOD Output High
PGOOD = 5.7V (7)
5
µA
Current
Vol_pg
PGOOD Output Low
PGOOD Sinking 20 µA
0.3
V
Voltage
(7)
This is the amount of current PGOOD sinks when PGOOD is high and is forced to the voltage indicated
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com