Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2633 Datasheet HTML 9Page - Texas Instruments LM2633 Datasheet HTML 10Page - Texas Instruments LM2633 Datasheet HTML 11Page - Texas Instruments LM2633 Datasheet HTML 12Page - Texas Instruments LM2633 Datasheet HTML 13Page - Texas Instruments LM2633 Datasheet HTML 14Page - Texas Instruments LM2633 Datasheet HTML 15Page - Texas Instruments LM2633 Datasheet HTML 16Page - Texas Instruments LM2633 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
LM2633
www.ti.com
SNVS139C – MAY 2004 – REVISED APRIL 2005
Electrical Characteristics (continued)
VCC = +15V unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type apply for TA
= TJ = +25°C. Limits appearing in boldface type apply over −40°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vlreg_hys
Hysteresis of Low
7
%VOUT
Regulation Comparator
Vpwrbad
Regulator Window Detector
84
88
Thresholds (PGOOD from
%VOUT
(6)
109
112
120
High to Low)
Vpwrgd
Regulator Window Detector
Thresholds (PGOOD from
89
93
98
%VOUT
Low to High)
Gate Drive (For Channel 1 Switching Regulator Controller)
Iboot1
CBOOT Leakage Current
VCBOOT1 = 7V
100
nA
HDRV1 Source Current
VHDRV1 = VSW1 =0V, VCBOOT1 = 5V
1.2
A
HDRV1 Sink Current
VHDRV1 = 5V
1.0
A
LDRV1 Source Current
VLDRV1 = 0V
1.2
A
LDRV1 Sink Current
VLDRV1 = 5V
2.0
A
HDRV1 High-Side FET On-
1.84
Ω
Resistance
LDRV1 High-Side FET On-
tbd
Ω
Resistance
LDRV1 Low-Side FET On-
0.5
Ω
Resistance
Gate Drive (For Channel 2 Switching Regulator Controller)
Iboot2
CBOOT Leakage Current
VCBOOT2 = 7V
100
nA
HDRV2 Source Current
VHDRV2 = VSW2 =0V, VCBOOT2 = 5V
tbd
A
HDRV2 Sink Current
VHDRV2 = 5V
tbd
A
LDRV2 Source Current
VLDRV2 = 0V
tbd
A
LDRV2 Sink Current
VLDRV2 = 5V
tbd
A
HDRV2 FET On-Resistance
tbd
Ω
LDRV2 FET On-Resistance
tbd
Ω
Oscillator
Fosc
Oscillator Frequency
225
250
275
kHz
Toff_min
Minimum Off-Time
400
ns
Ton_min
Minimum On-Time
220
ns
Error Amplifier
Ifb1
Feedback Input Bias
VFB1 = 2.4V
55
µA
Current, Channel 1
Ifb2
Feedback Input Bias
VFB2 = 1.36V
18
nA
Current, Channel 2
Ifb3
Feedback Input Bias
VFB3 = 1.36V
70
nA
Current, Channel 3
Icomp1, Icomp2
COMP Output Sink Current
VFB1 = 150% of measured 1.4V DAC, VFB2
= 150% of measured bandgap, VCOMP1 =
91
µA
VCOMP2 = 1V
Vcomp_max
COMP Pin Maximum
tbd
1.96
V
Voltage
Gm
Transconductance
576
µmho
DAC Output and VFB2
ΔVdac
Channel 1 DAC Output
VCOMP1 = 1V, DAC codes from 1.3V to
−2.0
2.0
Voltage Accuracy
1.6V
%
VCOMP1 = 1V, DAC codes from 0.925V to
−2.2
2.2
1.25V and from 1.65V to 2.00V
(6)
This is the same as over-voltage protection threshold.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com