Electronic Components Datasheet Search
  English  ▼

X  

LM2633 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2633 Datasheet(HTML) 1 Page - Texas Instruments

  LM2633 Datasheet HTML 1Page - Texas Instruments LM2633 Datasheet HTML 2Page - Texas Instruments LM2633 Datasheet HTML 3Page - Texas Instruments LM2633 Datasheet HTML 4Page - Texas Instruments LM2633 Datasheet HTML 5Page - Texas Instruments LM2633 Datasheet HTML 6Page - Texas Instruments LM2633 Datasheet HTML 7Page - Texas Instruments LM2633 Datasheet HTML 8Page - Texas Instruments LM2633 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
LM2633
www.ti.com
SNVS139C – MAY 2004 – REVISED APRIL 2005
LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook
CPUs
Check for Samples: LM2633
1
FEATURES
•
Programmable output UVP delay
23
GENERAL
•
250kHz switching frequency (for Vin < 17V)
•
Channel 1 output from 0.925V to 2.00V
•
Three regulated output voltages
•
±1.5% DAC accuracy from 0°C to 125°C
•
4.5V to 30V input range
•
±1.7% initial tolerance for Channel 2
•
Power good function
•
Dynamic VID change ready
•
Input under-voltage lockout
•
Power good flags VID changes
•
Thermal shutdown
•
Channel 2 output from 1.3V to 6.0V
•
Tiny TSSOP package
LINEAR SECTION
SWITCHING SECTION
•
Output voltage adjustable
•
Two channels operating 180° out of phase
•
50mA maximum driving current
•
Separate on/off control for each channel
•
Output UVP
•
Current mode control without sense resistor
•
±2% initial tolerance
•
Skip-mode operation available
•
Adjustable cycle-by-cycle current limit
APPLICATIONS
•
Negative current limit
•
Power supply for CPUs of notebook PCs that
•
Analog soft start independent of input voltage
require the SpeedStep™ technique
slew rate
•
Power supply for information appliances
•
Power ground pins separate
•
General low voltage DC/DC buck regulators
•
Output UVP and OVP
DESCRIPTION
The LM2633 is a feature-rich IC that combines three regulator controllers - two current mode synchronous buck
regulator controllers and a linear regulator controller.
The two switching regulator controllers operate 180° out of phase. This feature reduces the input ripple RMS
current, resulting in a smaller input filter.
The first switching controller (Channel 1) features an Intel mobile CPU compatible precision 5-bit digital-to-analog
converter which programs the output voltage from 0.925V to 2.00V. It is also compatible with the dynamic VID
requirements. The second switching controller (Channel 2) is adjustable between 1.25V to 6.0V.
Use of synchronous rectification and pulse-skip operation at light load achieves high efficiency over a wide load
range. Fixed-frequency operation can be obtained by disabling the pulse-skip mode.
Current-mode feedback control assures excellent line and load regulation and a wide loop bandwidth for good
response to fast load transient events. Current mode control is achieved through sensing the Vds of the top FET
and thus an external sense resistor is not necessary.
A power good signal is available to indicate the general health of the output voltages.
A unique feature is the analog soft-start for the switching controllers is independent of the slew rate of the input
voltage. This will make the soft start behavior more predictable and controllable. An internal 5V rail is available
externally for boot-strap circuitry (only) when no 5V is available from other sources.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpeedStep is a trademark of dcl_owner.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2633

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633MTD NSC-LM2633MTD Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Similar Description - LM2633

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
August 2001
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
Two-Phase Core Controller for AMD Mobile Turion CPUs
October 16, 2006
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
Two-Phase Core Controller for AMD Mobile Turion CPUs
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com