Electronic Components Datasheet Search
  English  ▼

X  

STAC9707 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 1 Page - Hynix Semiconductor

  STAC9707 Datasheet HTML 1Page - Hynix Semiconductor STAC9707 Datasheet HTML 2Page - Hynix Semiconductor STAC9707 Datasheet HTML 3Page - Hynix Semiconductor STAC9707 Datasheet HTML 4Page - Hynix Semiconductor STAC9707 Datasheet HTML 5Page - Hynix Semiconductor STAC9707 Datasheet HTML 6Page - Hynix Semiconductor STAC9707 Datasheet HTML 7Page - Hynix Semiconductor STAC9707 Datasheet HTML 8Page - Hynix Semiconductor STAC9707 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1
10/02/98
SigmaTel, Inc.
Integrating Mixed-Signal Solutions
STAC9704/7
Multimedia Audio Codec for AC’97
GENERAL DESCRIPTION:
SigmaTel’s STAC9704/07 is a general purpose 18-bit, full duplex, audio codec that conforms to the analog
component specification of AC’97 (Audio Codec ’97 Component Specification rev. 1.03). The STAC9704/07
incorporates SigmaTel’s proprietary Sigma-Delta technology to achieve signal quality in excess of 95dB SNR.
The DACs, ADCs, and mixers are integrated with analog I/Os, which include four analog line-level stereo inputs,
two analog line-level mono inputs, and 3 output channels. Also included are SigmaTel’s 3D stereo enhancement
(SS3D) and an extra true line-level out for headphones or speaker amplifiers. The STAC9704/07 communicates
via the five wire AC Link to any digital component of AC’97 providing flexibility in the audio system design.
Packaged in a small AC’97 compliant 48-pin TQFP, the STAC9704/07 can be placed on the motherboard,
daughter boards, add-on cards, PCMCIA cards, or outside the main chassis such as in a speaker. The 9707 is
identical to the 9704 except that the 9707 is tested at AVdd = DVdd = 3.3V.
FEATURES:
•
High performance
ΣΣ∆∆ technology
•
18-bit full duplex stereo A/D, D/A
•
AC-link protocol compliance
•
Single power source from 5V to 3.3V
•
AC'97 compliant mixer
•
SigmaTel Surround (SS3D) Stereo
Enhancement
•
Energy saving power down modes
•
48k sample/second rate
•
Six analog line-level inputs
•
48-pin TQFP
•
SNR > 95 dB through Mixer and DAC
•
STAC9707 is the 3.3 volt version


Similar Part No. - STAC9707

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
Multi-Channel AC97 Codec With Multi-Codec Option
STAC9708T ETC-STAC9708T Datasheet
247Kb / 56P
Multi-Channel AC97 Codec With Multi-Codec Option
More results

Similar Description - STAC9707

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
AC97 Revision 2.1 Audio Codec
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
Multimedia AC97 CODEC with Integrated Touch Screen Controller
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com