Electronic Components Datasheet Search
  English  ▼

X  

STAC9707 Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 15Page - Hynix Semiconductor STAC9707 Datasheet HTML 16Page - Hynix Semiconductor STAC9707 Datasheet HTML 17Page - Hynix Semiconductor STAC9707 Datasheet HTML 18Page - Hynix Semiconductor STAC9707 Datasheet HTML 19Page - Hynix Semiconductor STAC9707 Datasheet HTML 20Page - Hynix Semiconductor STAC9707 Datasheet HTML 21Page - Hynix Semiconductor STAC9707 Datasheet HTML 22Page - Hynix Semiconductor STAC9707 Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
19
10/02/98
3.1.2.2 Slot 2: Status Data Port
The status data port delivers 16-bit control register read data.
Bit (19:4)
Control Register Read Data
(Stuffed with 0's if tagged "invalid")
Bit (3 :0)
RESERVED
(Stuffed with 0's)
If Slot 2 is tagged "invalid" by STAC9704/7, then the entire slot will be stuffed with 0's.
3.1.2.3 Slot 3: PCM Record Left Channel
Audio input frame slot 3 is the left channel output of STAC9704/7 input MUX, post-ADC.
STAC9704/7 ADCs are implemented to support 18-bit resolution.
STAC9704/7 outputs its ADC data (MSB first), and stuffs any trailing non-valid bit positions
with 0's to fill out its 20-bit time slot.
3.1.2.4 Slot 4: PCM Record Right Channel
Audio input frame slot 4 is the right channel output of STAC9704/7 input MUX, post-ADC.
STAC9704/7 outputs its ADC data (MSB first), and stuffs any trailing non-valid bit positions
with 0's to fill out its 20-bit time slot.
3.1.2.5 Slots 5-12: Reserved
Audio input frame slots 5-12 are reserved for future use and are always stuffed with 0's.
3.2 AC-link Low Power Mode
The STAC9704/7’s AC-Link can be placed in the low power mode by programming Register 26h to the
appropriate value. SDATA_IN is held at a logic low voltage level. The BIT_CLK is held at logic high
after slot 2, in violation of the AC97 specification. This issue is detailed in the STAC9704 errata, and
has not caused customer problems. The AC’97 controller can wake up the STAC9704/7 by providing
the appropriate reset signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com