Electronic Components Datasheet Search
  English  ▼

X  

STAC9707 Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 8Page - Hynix Semiconductor STAC9707 Datasheet HTML 9Page - Hynix Semiconductor STAC9707 Datasheet HTML 10Page - Hynix Semiconductor STAC9707 Datasheet HTML 11Page - Hynix Semiconductor STAC9707 Datasheet HTML 12Page - Hynix Semiconductor STAC9707 Datasheet HTML 13Page - Hynix Semiconductor STAC9707 Datasheet HTML 14Page - Hynix Semiconductor STAC9707 Datasheet HTML 15Page - Hynix Semiconductor STAC9707 Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
12
10/02/98
2.1 Clocking
STAC9704/7 derives its clock internally from an externally connected 24.576 MHz crystal or an
oscillator through the XTAL_IN pin. Synchronization with the AC’97 controller is achieved through
the BIT_CLK pin at 12.288 MHz (half of crystal frequency).
The beginning of all audio sample packets, or “Audio Frames”, transferred over AC-link is
synchronized to the rising edge of the “SYNC” signal driven by the AC’97 controller.
Data is
transitioned on AC-link on every rising edge of BIT_CLK, and subsequently sampled by the receiving
side on each immediately following falling edge of BIT_CLK.
2.2 Reset
There are 3 types of resets as detailed under “Timing Characteristics”.
1. a “cold” reset where all STAC9704/7 logic and registers are initialized to their default state
2. a “warm” reset where the contents of the STAC9704/7 register set are left unaltered
3. a “register” reset which only initializes the STAC9704/7 registers to their default states
After signaling a reset to the STAC9704/7, the AC’97 controller should not attempt to play or capture
audio data until it has sampled a “Codec Ready” indication via register 26h from the STAC9704/7.
For proper reset operation, SDATA_OUT should be “0” during “cold” reset.
3. DIGITAL INTERFACE
3.1 AC-link Digital Serial Interface Protocol
The STAC9704/7 communicates to the AC’97 controller via a 5 pin digital serial interface called AC-
link, which is a bi-directional, fixed rate, serial PCM digital stream.
All digital audio streams,
commands and status information are communicated over this point to point serial interconnect. This
link handles multiple inputs, and output audio streams, as well as control register accesses using a time
division multiplexed (TDM) scheme. The AC’97 controller synchronizes all AC-link data transaction.
The following data streams are available on the STAC9704/7:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com