Electronic Components Datasheet Search
  English  ▼

X  

STAC9707 Datasheet(PDF) 26 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 26 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 22Page - Hynix Semiconductor STAC9707 Datasheet HTML 23Page - Hynix Semiconductor STAC9707 Datasheet HTML 24Page - Hynix Semiconductor STAC9707 Datasheet HTML 25Page - Hynix Semiconductor STAC9707 Datasheet HTML 26Page - Hynix Semiconductor STAC9707 Datasheet HTML 27Page - Hynix Semiconductor STAC9707 Datasheet HTML 28Page - Hynix Semiconductor STAC9707 Datasheet HTML 29Page - Hynix Semiconductor STAC9707 Datasheet HTML 30Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
26
10/02/98
4.4.1 Reset Register (Index 00h)
Writing any value to this register performs a register reset, which causes all registers to revert to their
default values. Reading this register returns the ID code of the part.
4.4.2 Play Master Volume Registers (Index 02h, 04h, and 06h)
These registers manage the output signal volumes. Register 02h controls the stereo master volume
(both right and left channels), register 04h controls the optional stereo true line level out, and register
06h controls the mono volume output. Each step corresponds to 1.5 dB. The MSB of the register is the
mute bit. When this bit is set to 1 the level for that channel is set at -
∞ dB. ML5 through ML0 is for
left channel level, MR5 through MR0 is for the right channel and MM5 through MM0 is for the mono
out channel.
The default value is 8000h (1000 0000 0000 0000), which corresponds to 0 dB attenuation with mute
on.
Table 10: Play Master Volume Register
MUTE
Mx5…Mx0
FUNCTION
RANGE
0
00 0000
0dB Attenuation
Req.
0
01 1111
46.5 Attenuation
Req.
1
xx xxxx
∞ dB Attenuation
Req.
4.4.3 PC Beep Register (Index 0Ah)
This register controls the level for the PC Beep input. Each step corresponds to approximately 3 dB of
attenuation. The MSB of the register is the mute bit.
When this bit is set to 1 the level for that
channel is set at -
∞ dB. PC_BEEP supports motherboard implementations. The intention of routing
PC_BEEP through the STAC9704/7 mixer is to eliminate the requirement for an onboard speaker by
guaranteeing a connection to speakers connected via the output jack. In order for this to be viable the
PC_BEEP signal needs to reach the output jack at all times. NOTE: the PC_BEEP is recommended to
be routed to L & R Line outputs even when the STAC9704/7 is in a RESET state. This is so that
Power On Self Test (POST) codes can be heard by the user in case of a hardware problem with the PC.
For further PC_BEEP implementation details please refer to the AC’97 Technical FAQ sheet. The
default value can be 0000h or 8000h, which corresponds to 0 dB attenuation with mute off or on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com