Electronic Components Datasheet Search
  English  ▼

X  

STAC9707 Datasheet(PDF) 29 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 29 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 25Page - Hynix Semiconductor STAC9707 Datasheet HTML 26Page - Hynix Semiconductor STAC9707 Datasheet HTML 27Page - Hynix Semiconductor STAC9707 Datasheet HTML 28Page - Hynix Semiconductor STAC9707 Datasheet HTML 29Page - Hynix Semiconductor STAC9707 Datasheet HTML 30Page - Hynix Semiconductor STAC9707 Datasheet HTML 31Page - Hynix Semiconductor STAC9707 Datasheet HTML 32Page - Hynix Semiconductor STAC9707 Datasheet HTML 33Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
29
10/02/98
4.4.6 Record Gain Registers (Index 1Ch)
The 1Ch register adjusts stereo input record gain.
Each step corresponds to 1.5 dB.
22.5 dB
corresponds to 0F0Fh and 000Fh respectively. The MSB of the register is the mute bit. When this bit
is set to 1, the level for that channel(s) is set at -
∞ dB.
The default value is 8000h, which corresponds to 0 dB gain with mute on.
Table 14: Record Gain Registers
MUTE
GX3… GX0
FUNCTION
0
1111
+22.5 dB gain
0
0000
0 dB gain
1
xxxx
-
∞ gain
4.4.7
General Purpose Register (Index 20h)
This register is used to control some miscellaneous functions. Below is a summary of each bit and its
function. The MS bit controls the mic selector. The LPBK bit enables loopback of the ADC output to
the DAC input, without involving the AC-link, allowing for full system performance measurements.
Table 15: General Purpose Register
BIT
FUNCTION
3D
3D Stereo Enhancement on/off 1 = on
MIX
Mono output select 0 = Mix, 1= Mic
MS
Mic select 0 = Mic1, 1 = Mic2
LPBK
ADC/DAC loopback mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com