Electronic Components Datasheet Search
  English  ▼

X  

STAC9707 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 6Page - Hynix Semiconductor STAC9707 Datasheet HTML 7Page - Hynix Semiconductor STAC9707 Datasheet HTML 8Page - Hynix Semiconductor STAC9707 Datasheet HTML 9Page - Hynix Semiconductor STAC9707 Datasheet HTML 10Page - Hynix Semiconductor STAC9707 Datasheet HTML 11Page - Hynix Semiconductor STAC9707 Datasheet HTML 12Page - Hynix Semiconductor STAC9707 Datasheet HTML 13Page - Hynix Semiconductor STAC9707 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
10
10/02/98
LNLVL_OUT_L
O
True Line Level Out Left Channel
LNLVL_OUT_R
O
True Line Level Out Right Channel
* Note: any unused input pins should have a capacitor (1 uF suggested) to ground.
1.3 Filter and Voltage References
These signals are connected to resistors, capacitors, or specific voltages.
Table 5. Filtering and Voltage References
SIGNAL NAME
TYPE
DESCRIPTION
Vref
O
Reference Voltage
Vrefout
O
Reference Voltage out 5mA drive (intended for mic bias)
AFILT1
O
Anti-Aliasing Filter Cap - ADC channel
AFILT2
O
Anti-Aliasing Filter Cap - ADC channel
CAP2
O
ADC reference Cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com