Electronic Components Datasheet Search
  English  ▼

X  

STAC9707 Datasheet(PDF) 38 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 38 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 34Page - Hynix Semiconductor STAC9707 Datasheet HTML 35Page - Hynix Semiconductor STAC9707 Datasheet HTML 36Page - Hynix Semiconductor STAC9707 Datasheet HTML 37Page - Hynix Semiconductor STAC9707 Datasheet HTML 38Page - Hynix Semiconductor STAC9707 Datasheet HTML 39Page - Hynix Semiconductor STAC9707 Datasheet HTML 40Page - Hynix Semiconductor STAC9707 Datasheet HTML 41Page - Hynix Semiconductor STAC9707 Datasheet HTML 42Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
38
10/02/98
Table 24: AC-link Low Power Mode Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
End of Slot 2 to BIT_CLK, SDATA_IN low
Ts2_pdown
-
14
15
us
7.7 ATE Test Mode
Figure 20: ATE Test Mode
RESET#
SDATA_OUT
SDATA_IN, BIT_CLK
Toff
Hi-Z
Tsetup2rst
Table 25: ATE Test Mode
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Setup to trailing edge of RESET#
(also applies to SYNC)
Tsetup2rst
15.0
-
-
ns
Rising edge of RESET# to Hi-Z delay
Toff
-
-
25.0
ns
Notes:
1. All AC-link signals are normally low through the trailing edge of RESET#.
Bringing
SDATA_OUT high for the trailing edge of RESET# causes STAC9704/7’s AC-link outputs to go
high impedance which is suitable for ATE in circuit testing.
2. Once either of the two test modes have been entered, the STAC9704/7 must be issued another
RESET# with all AC-link signals low to return to the normal operating mode.
# denotes active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com