Electronic Components Datasheet Search
  English  ▼

X  

STAC9707 Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # STAC9707
Description  Multimedia Audio Codec for AC97
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

STAC9707 Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button STAC9707 Datasheet HTML 20Page - Hynix Semiconductor STAC9707 Datasheet HTML 21Page - Hynix Semiconductor STAC9707 Datasheet HTML 22Page - Hynix Semiconductor STAC9707 Datasheet HTML 23Page - Hynix Semiconductor STAC9707 Datasheet HTML 24Page - Hynix Semiconductor STAC9707 Datasheet HTML 25Page - Hynix Semiconductor STAC9707 Datasheet HTML 26Page - Hynix Semiconductor STAC9707 Datasheet HTML 27Page - Hynix Semiconductor STAC9707 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
SigmaTel, Inc.
STAC9704/7
24
10/02/98
4.1 Mixer Input
The mixer provides recording and playback of any audio sources or output mix of all sources. The
STAC9704/7 supports the following input sources:
•
any mono or stereo source
•
mono or stereo mix of all sources
•
2-channel input w/mono output reference (mic + stereo mix)
Note: any unused input pins must have a capacitor (1 uF suggested) to ground.
4.2 Mixer Output
The mixer generates two distinct outputs:
•
a stereo mix of all sources for output to the LINE_OUT
•
a stereo mix of all sources for output to the LNLVL_OUT
•
a mono, mic only or mix of all sources for MONO_OUT
* Note: Mono output of stereo mix is attenuated by 6 dB.
4.3 PC Beep Implementation
PC Beep is active on power up and defaults to an unmuted state. During active RESET#, PC_BEEP is
passed through the codec to LINE_OUT. The user should mute this input before using any other mixer
input because the PC Beep input can contribute noise to the lineout during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com