Electronic Components Datasheet Search
  English  ▼

X  

28F008C3 Datasheet(PDF) 18 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 14Page - Intel Corporation 28F008C3 Datasheet HTML 15Page - Intel Corporation 28F008C3 Datasheet HTML 16Page - Intel Corporation 28F008C3 Datasheet HTML 17Page - Intel Corporation 28F008C3 Datasheet HTML 18Page - Intel Corporation 28F008C3 Datasheet HTML 19Page - Intel Corporation 28F008C3 Datasheet HTML 20Page - Intel Corporation 28F008C3 Datasheet HTML 21Page - Intel Corporation 28F008C3 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
3 VOLT ADVANCED+ BOOT BLOCK
E
18
PRODUCT PREVIEW
Table 7. Status Register Bit Definition
WSMS
ESS
ES
PS
VPPS
PSS
BLS
R
7654
3210
NOTES:
SR.7 WRITE STATE MACHINE STATUS
1 = Ready
(WSMS)
0 = Busy
Check Write State Machine bit first to determine Word
Program or Block Erase completion, before checking
Program or Erase Status bits.
SR.6 = ERASE
-SUSPEND STATUS (ESS)
1 = Erase Suspended
0 = Erase In Progress/Completed
When Erase Suspend is issued, WSM halts execution
and sets both WSMS and ESS bits to “1.” ESS bit
remains set to “1” until an Erase Resume command is
issued.
SR.5 = ERASE STATUS (ES)
1 = Error In Block Erase
0 = Successful Block Erase
When this bit is set to “1,” WSM has applied the max.
number of erase pulses to the block and is still unable to
verify successful block erasure.
SR.4 = PROGRAM STATUS (PS)
1 = Error in Programming
0 = Successful Programming
When this bit is set to “1,” WSM has attempted but failed
to program a word/byte.
SR.3 = VPP STATUS (VPPS)
1 = VPP Low Detect, Operation Abort
0 = VPP OK
The VPP status bit does not provide continuous indication
of VPP level. The WSM interrogates VPP level only after
the Program or Erase command sequences have been
entered, and informs the system if VPP has not been
switched on. The VPP is also checked before the
operation is verified by the WSM. The VPP status bit is
not guaranteed to report accurate feedback between
VPPLK and VPP1Min.
SR.2 = PROGRAM SUSPEND STATUS
(PSS)
1 = Program Suspended
0 = Program in Progress/Completed
When Program Suspend is issued, WSM halts execution
and sets both WSMS and PSS bits to “1.” PSS bit
remains set to “1” until a Program Resume command is
issued.
SR.1 = BLOCK LOCK STATUS
1 = Prog/Erase attempted on a locked
block; Operation aborted.
0 = No operation to locked blocks
If a program or erase operation is attempted to one of the
locked blocks, this bit is set by the WSM. The operation
specified is aborted and the device is returned to read
status mode.
SR.0 = RESERVED FOR FUTURE
ENHANCEMENTS (R)
This bit is reserved for future use and should be masked
out when polling the status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com