Electronic Components Datasheet Search
  English  ▼

X  

28F008C3 Datasheet(PDF) 52 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 52 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 48Page - Intel Corporation 28F008C3 Datasheet HTML 49Page - Intel Corporation 28F008C3 Datasheet HTML 50Page - Intel Corporation 28F008C3 Datasheet HTML 51Page - Intel Corporation 28F008C3 Datasheet HTML 52Page - Intel Corporation 28F008C3 Datasheet HTML 53Page - Intel Corporation 28F008C3 Datasheet HTML 54Page - Intel Corporation 28F008C3 Datasheet HTML 55Page - Intel Corporation 28F008C3 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
3 VOLT ADVANCED+ BOOT BLOCK
E
52
PRODUCT PREVIEW
Table C8. Primary-Vendor Specific Extended Query (Continued)
Offset(1)
Length
(bytes)
Description
8-Mbit, 16-Mbit,
32-Mbit
(P+C)h
01h
VCC Logic Supply Optimum Program/Erase voltage
(highest performance)
bits 7–4
BCD value in volts
bits 3–0
BCD value in 100 mv
41:
27
(P+D)h
01h
VPP [Programming] Supply Optimum Program/Erase
voltage
bits 7–4
HEX value in volts
bits 3–0
BCD value in 100 mv
42:
C0
(P+E)h
Reserved
Reserved for future use
NOTE:
1.
The variable P is a pointer which is defined at offset 15h in Table D5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com