Electronic Components Datasheet Search
  English  ▼

X  

28F008C3 Datasheet(PDF) 33 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 33 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 29Page - Intel Corporation 28F008C3 Datasheet HTML 30Page - Intel Corporation 28F008C3 Datasheet HTML 31Page - Intel Corporation 28F008C3 Datasheet HTML 32Page - Intel Corporation 28F008C3 Datasheet HTML 33Page - Intel Corporation 28F008C3 Datasheet HTML 34Page - Intel Corporation 28F008C3 Datasheet HTML 35Page - Intel Corporation 28F008C3 Datasheet HTML 36Page - Intel Corporation 28F008C3 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
33
PRODUCT PREVIEW
4.7
Erase and Program Timings(1)
VPP
1.65 V–3.6 V
11.4 V–12.6 V
Symbol
Parameter
Note
Typ(1)
Max
Typ(1)
Max
Unit
tBWPB
8-KB Parameter Block
Program Time (Byte)
2, 3
0.16
0.48
0.08
0.24
s
4-KW Parameter Block
Program Time (Word)
2, 3
0.10
0.30
0.03
0.12
s
tBWMB
64-KB Main Block
Program Time (Byte)
2, 3
1.2
3.7
0.6
1.7
s
32-KW Main Block
Program Time(Word)
2, 3
0.8
2.4
0.24
1
s
tWHQV1 / tEHQV1
Byte Program Time
2, 3
17
165
8
185
µs
Word Program Time
2, 3
22
200
8
185
µs
tWHQV2 / tEHQV2
8-KB Parameter Block
Erase Time (Byte)
2, 3
1
5
0.8
4.8
s
4-KW Parameter Block
Erase Time (Word)
2, 3
0.5
5
0.4
4.8
s
tWHQV3 / tEHQV3
64-KB Main Block
Erase Time (Byte)
2, 3
1
8
1
7
s
32-KW Main Block
Erase Time (Word)
2, 3
1
8
0.6
7
s
tWHRH1 / tEHRH1
Program Suspend Latency
3
5
10
5
10
µs
tWHRH2 / tEHRH2
Erase Suspend Latency
3
5
20
5
20
µs
NOTES:
1.
Typical values measured at TA = +25 °C and nominal voltages.
2.
Excludes external system-level overhead.
3.
Sampled, but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com