Electronic Components Datasheet Search
  English  ▼

X  

28F008C3 Datasheet(PDF) 7 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 3Page - Intel Corporation 28F008C3 Datasheet HTML 4Page - Intel Corporation 28F008C3 Datasheet HTML 5Page - Intel Corporation 28F008C3 Datasheet HTML 6Page - Intel Corporation 28F008C3 Datasheet HTML 7Page - Intel Corporation 28F008C3 Datasheet HTML 8Page - Intel Corporation 28F008C3 Datasheet HTML 9Page - Intel Corporation 28F008C3 Datasheet HTML 10Page - Intel Corporation 28F008C3 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
7
PRODUCT PREVIEW
Advanced Boot
40-Lead TSOP
10 mm x 20 mm
TOP VIEW
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
21
22
23
24
A
16
A
15
A
14
A
13
A
12
A
11
A
9
A
8
WE#
RP#
WP#
A
7
A
6
A
5
A
4
A
3
A
2
A
1
V
PP
A
18
A
17
GND
A
10
DQ
7
DQ
6
DQ
5
DQ
4
V
CCQ
V
CC
NC
DQ
3
DQ
2
DQ
1
OE#
GND
CE#
A
0
A
19
A
20
DQ
0
16M
8M
NOTES:
1.
40-Lead TSOP available for 8- and 16-Mbit densities only.
2.
Lower densities will have NC on the upper address pins. For example, an 8-Mbit device will have NC on Pin 38.
Figure 1. 40-Lead TSOP Package for x8 Configurations
Advanced Boot Block
48-Lead TSOP
12 mm x 20 mm
TOP VIEW
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
17
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
25
26
27
28
29
30
31
32
16
15
7
14
6
13
5
12
4
A
V
CCQ
GND
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ
V
DQ
DQ
DQ
DQ
DQ
DQ
DQ
OE#
GND
CE#
A
CC
11
3
10
2
9
1
8
0
0
A
A
A
A
A
A
A
A
NC
WE#
RP#
WP#
A
A
A
A
A
A
A
A
17
7
6
5
4
3
2
1
15
14
13
12
11
10
9
8
V PP
A
19
A
20
A 18
32M
16M
8M
NOTE:
Lower densities will have NC on the upper address pins. For example, an 8-Mbit device will have NC on Pins 9 and 15.
Figure 2. 48-Lead TSOP Package for x16 Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com