Electronic Components Datasheet Search
  English  ▼

X  

28F008C3 Datasheet(PDF) 36 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 32Page - Intel Corporation 28F008C3 Datasheet HTML 33Page - Intel Corporation 28F008C3 Datasheet HTML 34Page - Intel Corporation 28F008C3 Datasheet HTML 35Page - Intel Corporation 28F008C3 Datasheet HTML 36Page - Intel Corporation 28F008C3 Datasheet HTML 37Page - Intel Corporation 28F008C3 Datasheet HTML 38Page - Intel Corporation 28F008C3 Datasheet HTML 39Page - Intel Corporation 28F008C3 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
3 VOLT ADVANCED+ BOOT BLOCK
E
36
PRODUCT PREVIEW
5.0
ORDERING INFORMATION
T E 2 8 F 3 2 0 C 3 T 9 0
Package
TE = 48-Lead TSOP
GT = 48-Ball µBGA* CSP
Product line designator
for all Intel® Flash products
Access Speed (ns)
(90, 110)
Product Family
C3 = Advanced+ Boot Block
V
CC = 2.7 V - 3.6 V
V
PP = 2.7 V - 3.6 V or 11.4 V - 12.6 V
Device Density
320 = x16 (32 Mbit)
032 = x8 (32 Mbit)
160 = x16 (16 Mbit)
800 = x16 (8 Mbit)
016 = x8 (16 Mbit)
008 = x8 (8 Mbit)
T = Top Blocking
B = Bottom Blocking
VALID COMBINATIONS (All Extended Temperature)
40-Lead TSOP
48-Ball
µBGA* CSP(1) 48-Lead TSOP
48-Ball
µBGA CSP(1)
Extended
32M
GT28F032C3T90
TE28F320C3T90
GT28F320C3T90
GT28F032C3B90
TE28F320C3B90
GT28F320C3B90
GT28F032C3T110
TE28F320C3T110 GT28F320C3T110
GT28F032C3B110
TE28F320C3B110 GT28F320C3B110
Extended
16M
TE28F016C3T90
GT28F016C3T90
TE28F160C3T90
GT28F160C3T90
TE28F016C3B90
GT28F016C3B90
TE28F160C3B90
GT28F160C3B90
TE28F016C3T110 GT28F016C3T110
TE28F160C3T110 GT28F160C3T110
TE28F016C3B110 GT28F016C3B110
TE28F160C3B110 GT28F160C3B110
Extended
8M
TE28F008C3T90
TE28F800C3T90
TE28F008C3B90
TE28F800C3B90
TE28F008C3T110
TE28F800C3T110
TE28F008C3B110
TE28F800C3B110
NOTE:
1.
The 48-Ball µBGA package top side mark reads FXX0C3 where XX is the device density. This mark is identical for both
x8 and x16 products. All product shipping boxes or trays provide the correct information regarding bus architecture,
however once the devices are removed from the shipping media, it may be difficult to differentiate based on the top side
mark. The device identifier (accessible through the Device ID command: see Section 3.2.2 for further details) enables x8
and x16 µBGA package product differentiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com