| Electronic Components Datasheet Search |
|
28F008C3 Datasheet(PDF) 45 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F008C3 Datasheet(HTML) 45 Page - Intel Corporation |
|
45 / 59 page ![]() E 3 VOLT ADVANCED+ BOOT BLOCK 45 PRODUCT PREVIEW Start Write C0H (Protection Reg. Program Setup) Write Protect. Register Address/Data Read Status Register SR.7 = 1? Full Status Check if Desired Program Complete Read Status Register Data (See Above) V PP Range Error Protection Register Programming Error Attempted Program to Locked Register - Aborted Program Successful SR.3, SR.4 = SR.1, SR.4 = SR.1, SR.4 = FULL STATUS CHECK PROCEDURE Bus Operation Write Write Standby Protection Program operations can only be addressed within the protection register address space. Addresses outside the defined space will return an error. Repeat for subsequent programming operations. SR Full Status Check can be done after each program or after a sequence of program operations. Write FFH after the last program operation to reset device to read array mode. Bus Operation Standby Standby SR.3 MUST be cleared, if set during a program attempt, before further attempts are allowed by the Write State Machine. SR.1, SR.3 and SR.4 are only cleared by the Clear Staus Register Command, in cases of multiple protection register program operations before full status is checked. If an error is detected, clear the status register before attempting retry or other error recovery. No Yes 1, 1 0,1 1,1 Command Protection Program Setup Protection Program Comments Data = C0H Data = Data to Program Addr = Location to Program Check SR.7 1 = WSM Ready 0 = WSM Busy Command Comments SR.1 SR.3 SR.4 0 1 1 V PP Low 0 0 1 Prot. Reg. Prog. Error 1 0 1 Register Locked: Aborted Read Status Register Data Toggle CE# or OE# to Update Status Register Data Standby Figure 17. Protection Register Programming Flowchart |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |