Electronic Components Datasheet Search
  English  ▼

X  

28F008C3 Datasheet(PDF) 47 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 43Page - Intel Corporation 28F008C3 Datasheet HTML 44Page - Intel Corporation 28F008C3 Datasheet HTML 45Page - Intel Corporation 28F008C3 Datasheet HTML 46Page - Intel Corporation 28F008C3 Datasheet HTML 47Page - Intel Corporation 28F008C3 Datasheet HTML 48Page - Intel Corporation 28F008C3 Datasheet HTML 49Page - Intel Corporation 28F008C3 Datasheet HTML 50Page - Intel Corporation 28F008C3 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
47
PRODUCT PREVIEW
Table C2. Example of Query Structure Output of x16 and x8 Devices
Device
Address
Word Addressing:
Query Data
Byte
Address
Byte Addressing:
Query Data
A16–A1
D15–D0
A7–A0
D7–D0
0010h
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
...
0051h
“Q”
0052h
“R”
0059h
“Y”
P_IDLO PrVendor ID# (Lo byte)
P_IDHI
PrVendor ID# (HI byte)
PLO
PrVendor TblAddr (Lo)
PHI
PrVendor TblAddr (Hi)
A_IDLO AltVendor ID# (Lo)
A_IDHI
AltVendor ID# (Hi)
...
10h
11h
12h
13h
14h
15h
16h
17h
18h
...
51h
“Q”
52h
“R”
59h
“Y”
P_IDLO PrVendor ID# (Lo)
P_IDHI
PrVendor ID# (Hi)
PLO
PrVndr TblAdr (Lo)
PHI
PrVndr TblAdr (Hi)
A_IDLO AltVndr ID# (Lo)
A_IDHI
AltVndr ID# (Hi)
C.2
QUERY STRUCTURE OVERVIEW
The Query command causes the flash component to display the Common Flash Interface (CFI) Query
structure or “database.” The structure sub-sections and address locations are summarized in Table D3.
The following sections describe the Query structure sub-sections in detail.
Table C3. Query Structure(1)
Offset
Sub-Section Name
Description
00h
Manufacturer Code
01h
Device Code
02-0Fh
Reserved
Reserved for vendor-specific information
10h
CFI Query Identification String
Command set ID and vendor data offset
1Bh
System Interface Information
Device timing & voltage information
27h
Device Geometry Definition
Flash device layout
P(3)
Primary Intel
-specific Extended Query
table
Vendor
-defined additional information
specific to the Primary Vendor Algorithm
NOTES:
1. Refer to Section D.1 and Table D1 for the detailed definition of offset address as a function of device bus width and mode.
2. BA = The beginning location of a Block Address (e.g., 08000h is the beginning location of block 1 when the block size is
32 Kword).
3. Offset 15 defines “P” which points to the Primary Intel
-specific Extended Query Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com