| Electronic Components Datasheet Search |
|
28F008SA Datasheet(PDF) 9 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F008SA Datasheet(HTML) 9 Page - Intel Corporation |
|
9 / 33 page ![]() 28F008SA PRINCIPLES OF OPERATION The 28F008SA includes on-chip write automation to manage write and erase functions The Write State Machine allows for 100% TTL-level control inputs fixed power supplies during block erasure and byte write and minimal processor overhead with RAM- like interface timings After initial device powerup or after return from deep powerdown mode (see Bus Operations) the 28F008SA functions as a read-only memory Manip- ulation of external memory-control pins allow array read standby and output disable operations Both Status Register and intelligent identifiers can also be accessed through the Command User Interface when VPP e VPPL This same subset of operations is also available when high voltage is applied to the VPP pin In addi- tion high voltage on VPP enables successful block erasure and byte writing of the device All functions associated with altering memory contentsbyte write block erase status and intelligent identifier are accessed via the Command User Interface and verified thru the Status Register Commands are written using standard microproces- sor write timings Command User Interface contents serve as input to the WSM which controls the block erase and byte write circuitry Write cycles also inter- nally latch addresses and data needed for byte write or block erase operations With the appropriate com- mand written to the register standard microproces- sor read timings output array data access the intelli- gent identifier codes or output byte write and block erase status for verification Interface software to initiate and poll progress of in- ternal byte write and block erase can be stored in any of the 28F008SA blocks This code is copied to and executed from system RAM during actual flash memory update After successful completion of byte write andor block erase codedata reads from the 28F008SA are again possible via the Read Array command Erase suspendresume capability allows system software to suspend block erase to read data and execute code from any other block FFFFF 64-Kbyte Block EFFFF F0000 64-Kbyte Block DFFFF E0000 64-Kbyte Block CFFFF D0000 64-Kbyte Block BFFFF C0000 64-Kbyte Block AFFFF B0000 64-Kbyte Block 9FFFF A0000 64-Kbyte Block 8FFFF 90000 64-Kbyte Block 7FFFF 80000 64-Kbyte Block 6FFFF 70000 64-Kbyte Block 5FFFF 60000 64-Kbyte Block 4FFFF 50000 64-Kbyte Block 3FFFF 40000 64-Kbyte Block 2FFFF 30000 64-Kbyte Block 1FFFF 20000 64-Kbyte Block 0FFFF 10000 64-Kbyte Block 00000 Figure 6 Memory Map Command User Interface and Write Automation An on-chip state machine controls block erase and byte write freeing the system processor for other tasks After receiving the Erase Setup and Erase Confirm commands the state machine controls block pre-conditioning and erase returning progress via the Status Register and RYBY output Byte write is similarly controlled after destination address and expected data are supplied The program and erase algorithms of past Intel flash memories are now regulated by the state machine including pulse repetition where required and internal verification and margining of data 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |