Electronic Components Datasheet Search
  English  ▼

X  

28F008SA Datasheet(PDF) 1 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 1 Page - Intel Corporation

  28F008SA Datasheet HTML 1Page - Intel Corporation 28F008SA Datasheet HTML 2Page - Intel Corporation 28F008SA Datasheet HTML 3Page - Intel Corporation 28F008SA Datasheet HTML 4Page - Intel Corporation 28F008SA Datasheet HTML 5Page - Intel Corporation 28F008SA Datasheet HTML 6Page - Intel Corporation 28F008SA Datasheet HTML 7Page - Intel Corporation 28F008SA Datasheet HTML 8Page - Intel Corporation 28F008SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
November 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 290429-005
28F008SA
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
Extended Temperature Specifications Included
Y
High-Density Symmetrically-Blocked
Architecture
Sixteen 64-Kbyte Blocks
Y
Extended Cycling Capability
100000 Block Erase Cycles
16 Million Block Erase
Cycles per Chip
Y
Automated Byte Write and Block Erase
Command User Interface
Status Register
Y
System Performance Enhancements
RYBY
Status Output
Erase Suspend Capability
Y
Deep Power-Down Mode
020 mAICC Typical
Y
Very High-Performance Read
85 ns Maximum Access Time
Y
SRAM-Compatible Write Interface
Y
Hardware Data Protection Feature
EraseWrite Lockout during Power
Transitions
Y
Industry Standard Packaging
40-Lead TSOP 44-Lead PSOP
Y
ETOX III Nonvolatile Flash Technology
12V Byte WriteBlock Erase
Intel’s 28F008SA 8-Mbit FlashFileTM Memory is the highest density nonvolatile readwrite solution for sol-
id-state storage The 28F008SA’s extended cycling symmetrically blocked architecture fast access time
write automation and low power consumption provide a more reliable lower power lighter weight and higher
performance alternative to traditional rotating disk technology The 28F008SA brings new capabilities to porta-
ble computing Application and operating system software stored in resident flash memory arrays provide
instant-on rapid execute-in-place and protection from obsolescence through in-system software updates
Resident software also extends system battery life and increases reliability by reducing disk drive accesses
For high density data acquisition applications the 28F008SA offers a more cost-effective and reliable alterna-
tive to SRAM and battery Traditional high density embedded applications such as telecommunications can
take advantage of the 28F008SA’s nonvolatility blocking and minimal system code requirements for flexible
firmware and modular software designs
The 28F008SA is offered in 40-lead TSOP (standard and reverse) and 44-lead PSOP packages Pin assign-
ments simplify board layout when integrating multiple devices in a flash memory array or subsystem This
device uses an integrated Command User Interface and state machine for simplified block erasure and byte
write The 28F008SA memory map consists of 16 separately erasable 64-Kbyte blocks
Intel’s 28F008SA employs advanced CMOS circuitry for systems requiring low power consumption and noise
immunity Its 85 ns access time provides superior performance when compared with magnetic storage media
A deep powerdown mode lowers power consumption to 1 mW typical thru VCC crucial in portable computing
handheld instrumentation and other low-power applications The RP
power control input also provides
absolute data protection during system powerupdown
Manufactured on Intel’s 08 micron ETOX process the 28F008SA provides the highest levels of quality
reliability and cost-effectiveness


Similar Part No. - 28F008SA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008SA INTEL-28F008SA Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
More results

Similar Description - 28F008SA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com