Electronic Components Datasheet Search
  English  ▼

X  

28F008SA Datasheet(PDF) 10 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 10 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 6Page - Intel Corporation 28F008SA Datasheet HTML 7Page - Intel Corporation 28F008SA Datasheet HTML 8Page - Intel Corporation 28F008SA Datasheet HTML 9Page - Intel Corporation 28F008SA Datasheet HTML 10Page - Intel Corporation 28F008SA Datasheet HTML 11Page - Intel Corporation 28F008SA Datasheet HTML 12Page - Intel Corporation 28F008SA Datasheet HTML 13Page - Intel Corporation 28F008SA Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
28F008SA
Data Protection
Depending on the application the system designer
may choose to make the VPP power supply switcha-
ble (available only when memory byte writesblock
erases are required) or hardwired to VPPH When
VPP e VPPL memory contents cannot be altered
The 28F008SA Command User Interface architec-
ture provides protection from unwanted byte write or
block erase operations even when high voltage is
applied to VPP Additionally all functions are dis-
abled whenever VCC is below the write lockout volt-
age VLKO or when RP
is at VIL The 28F008SA
accommodates either design practice and encour-
ages optimization of the processor-memory inter-
face
The two-step byte writeblock erase Command User
Interface write sequence provides additional soft-
ware write protection
BUS OPERATION
Flash memory reads erases and writes in-system
via the local CPU All bus cycles to or from the flash
memory conform to standard microprocessor bus
cycles
Read
The 28F008SA has three read modes The memory
can be read from any of its blocks and information
can be read from the intelligent identifier or Status
Register VPP can be at either VPPL or VPPH
The first task is to write the appropriate read mode
command to the Command User Interface (array in-
telligent
identifier
or
Status
Register)
The
28F008SA automatically resets to Read Array mode
upon initial device powerup or after exit from deep
powerdown The 28F008SA has four control pins
two of which must be logically active to obtain data
at the outputs Chip Enable (CE ) is the device se-
lection control and when active enables the select-
ed memory device Output Enable (OE ) is the data
inputoutput (DQ0–DQ7) direction control and when
active drives data from the selected memory onto
the IO bus RP
and WE
must also be at VIH
Figure 10 illustrates read bus cycle waveforms
Output Disable
With OE
at a logic-high level (VIH) the device out-
puts are disabled
Output pins (DQ0–DQ7) are
placed in a high-impedance state
Standby
CE
at a logic-high level (VIH) places the 28F008SA
in standby mode Standby operation disables much
of the 28F008SA’s circuitry and substantially reduc-
es device power consumption The outputs (DQ0–
DQ7) are placed in a high-impedence state indepen-
dent of the status of OE
If the 28F008SA is dese-
lected during block erase or byte write the device
will continue functioning and consuming normal ac-
tive power until the operation completes
Table 2 Bus Operations
Mode
Notes
RP
CE
OE
WE
A0
VPP
DQ0–7
RYBY
Read
123
VIH
VIL
VIL
VIH
XX
DOUT
X
Output Disable
123
VIH
VIL
VIH
VIH
X
X
High Z
X
Standby
123
VIH
VIH
X
X
X
X
High Z
X
Deep PowerDown
12
VIL
X
X
X
X
X
High Z
VOH
Intelligent Identifier (Mfr)
12
VIH
VIL
VIL
VIH
VIL
X
89H
VOH
Intelligent Identifier (Device)
12
VIH
VIL
VIL
VIH
VIH
X
A2H
VOH
Write
12345
VIH
VIL
VIH
VIL
XX
DIN
X
NOTES
1 Refer to DC Characteristics When VPP e VPPL memory contents can be read but not written or erased
2 X can be VIL or VIH for control pins and addresses and VPPL or VPPH for VPP See DC Characteristics for VPPL and VPPH
voltages
3 RYBY
is VOL when the Write State Machine is executing internal block erase or byte write algorithms It is VOH when
the WSM is not busy in Erase Suspend mode or deep powerdown mode
4 Command writes involving block erase or byte write are only successfully executed when VPP e VPPH
5 Refer to Table 3 for valid DIN during a write operation
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com