Electronic Components Datasheet Search
  English  ▼

X  

28F008SA Datasheet(PDF) 24 Page - Intel Corporation

Part # 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Datasheet(HTML) 24 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 20Page - Intel Corporation 28F008SA Datasheet HTML 21Page - Intel Corporation 28F008SA Datasheet HTML 22Page - Intel Corporation 28F008SA Datasheet HTML 23Page - Intel Corporation 28F008SA Datasheet HTML 24Page - Intel Corporation 28F008SA Datasheet HTML 25Page - Intel Corporation 28F008SA Datasheet HTML 26Page - Intel Corporation 28F008SA Datasheet HTML 27Page - Intel Corporation 28F008SA Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
28F008SA
EXTENDED TEMPERATURE OPERATION
AC CHARACTERISTICSRead-Only Operations(1)
Versions
VCCg10%
28F008SA-100(5)
Unit
Symbol
Parameter
Notes
Min
Max
tAVAV
tRC
Read Cycle Time
100
ns
tAVQV
tACC
Address to Output Delay
100
ns
tELQV
tCE
CE
to Output Delay
2
100
ns
tPHQV
tPWH
RP
High to Output Delay
400
ns
tGLQV
tOE
OE
to Output Delay
2
55
ns
tELQX
tLZ
CE
to Output Low Z
3
0
ns
tEHQZ
tHZ
CE
High to Output High Z
3
55
ns
tGLQX
tOLZ
OE
to Output Low Z
3
0
ns
tGHQZ
tDF
OE
High to Output High Z
3
30
ns
tOH
Output Hold from Addresses CE
or
3
0
ns
OE
Change Whichever is First
NOTES
1 See AC InputOutput Reference Waveform for timing measurements
2 OE
may be delayed up to tCE–tOE after the falling edge of CE
without impact on tCE
3 Sampled not 100% tested
4 See High Speed AC InputOutput Reference Waveforms and High Speed AC Testing Load Circuits for testing characteris-
tics
5 See AC InputOutput Reference Waveforms and AC Testing Load Circuits for testing characteristics
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com