Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 202 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 202 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 198Page - Intel Corporation 82374EB Datasheet HTML 199Page - Intel Corporation 82374EB Datasheet HTML 200Page - Intel Corporation 82374EB Datasheet HTML 201Page - Intel Corporation 82374EB Datasheet HTML 202Page - Intel Corporation 82374EB Datasheet HTML 203Page - Intel Corporation 82374EB Datasheet HTML 204Page - Intel Corporation 82374EB Datasheet HTML 205Page - Intel Corporation 82374EB Datasheet HTML 206Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 208 page
background image
82374EB82374SB
Table 41 ESC Alphabetical Pin Assignment
(Continued)
Name
Pin
Type
MWTC
200
ts
NC (82374EB)
132
NC (82374EB)
133
NC (82374EB)
184
NC (82374EB)
185
NMFLUSH
98
ts
NMI
90
out
NOWS
114
od
OSC
142
in
PCICLK
153
in
PEREQ
INTA
99
in
PERR
96
in
REFRESH
106
ts
RESET
95
in
RSTDRV
111
out
RTCALE
170
out
RTCRD
169
out
RTCWR
168
out
SA0
144
ts
SA1
143
ts
SALAOE
174
out
SALE
176
out
SBHE
146
ts
SD0
59
ts
SD1
60
ts
SD2
61
ts
SD3
63
ts
SD4
64
ts
SD5
65
ts
SD6
66
ts
SD7
67
ts
SDCPYEN01
83
out
Name
Pin
Type
SDCPYEN02
82
out
SDCPYEN03
81
out
SDCPYEN13
80
out
SDCPYUP
76
out
SDLE0
84
out
SDLE1
85
out
SDLE2
86
out
SDLE3
87
out
SDOE0
75
out
SDOE1
74
out
SDOE2
73
out
SERR
97
in
SLBURST
189
in
SLOWH
192
out
SMI
(82374SB)
184
out
SMRDC
121
out
SMWTC
116
out
SPKR
191
out
START
180
ts
STPCLK
(82374SB)
132
out
STPGNT
(82374SB)
133
in
TEST (82374EB)
154
in
VDD
1V
VDD
14
V
VDD
25
V
VDD
39
V
VDD
52
V
VDD
53
V
VDD
68
V
VDD
79
V
VDD
104
V
202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com