Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 203 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 203 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 199Page - Intel Corporation 82374EB Datasheet HTML 200Page - Intel Corporation 82374EB Datasheet HTML 201Page - Intel Corporation 82374EB Datasheet HTML 202Page - Intel Corporation 82374EB Datasheet HTML 203Page - Intel Corporation 82374EB Datasheet HTML 204Page - Intel Corporation 82374EB Datasheet HTML 205Page - Intel Corporation 82374EB Datasheet HTML 206Page - Intel Corporation 82374EB Datasheet HTML 207Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 208 page
background image
82374EB82374SB
Table 41 ESC Alphabetical Pin Assignment
(Continued)
Name
Pin
Type
VDD
105
V
VDD
131
V
VDD
156
V
VDD
157
V
VDD
181
V
VDD
208
V
VSS
2V
VSS
9V
VSS
18
V
VSS
26
V
VSS
27
V
VSS
35
V
VSS
54
V
VSS
62
V
Name
Pin
Type
VSS
69
V
VSS
77
V
VSS
78
V
VSS
88
V
VSS
103
V
VSS
129
V
VSS
130
V
VSS
158
V
VSS
177
V
VSS
182
V
VSS
183
V
WR
70
ts
XBUSOE
161
out
XBUSTR
162
out
203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com