Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 4 Page - Analog Devices

  AD5362 Datasheet HTML 1Page - Analog Devices AD5362 Datasheet HTML 2Page - Analog Devices AD5362 Datasheet HTML 3Page - Analog Devices AD5362 Datasheet HTML 4Page - Analog Devices AD5362 Datasheet HTML 5Page - Analog Devices AD5362 Datasheet HTML 6Page - Analog Devices AD5362 Datasheet HTML 7Page - Analog Devices AD5362 Datasheet HTML 8Page - Analog Devices AD5362 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD5362/AD5363
Rev. A | Page 3 of
28
GENERAL DESCRIPTION
The AD5362/AD5363 contain eight 16-/14-bit DACs in a single
52-lead LQFP package or 56-lead LFCSP package. The devices
provide buffered voltage outputs with a span of 4× the reference
voltage. The gain and offset of each DAC can be independently
trimmed to remove errors. For even greater flexibility, the device
is divided into two groups of four DACs, and the output range
of each group can be independently adjusted by an offset DAC.
The AD5362/AD5363 offer guaranteed operation over a wide
supply range with VSS from −16.5 V to −4.5 V and VDD from 8 V
to 16.5 V. The output amplifier headroom requirement is 1.4 V,
operating with a load current of 1 mA.
The AD5362/AD5363 have a high speed 4-wire serial interface
that is compatible with SPI, QSPI™, MICROWIRE™, and DSP
interface standards and can handle clock speeds of up to
50 MHz. All the outputs can be updated simultaneously by
taking the LDAC input low. Each channel has a programmable
gain and an offset adjust register.
Each DAC output is gained and buffered on chip with respect
to an external SIGGNDx input. The DAC outputs can also be
switched to SIGGNDx via the CLR pin.
Table 1. High Channel Count Bipolar DACs
Model
Resolution (Bits)
Nominal Output Span
Output Channels
Linearity Error (LSB)
AD5360
16
4 × VREF (20 V)
16
±4
AD5361
14
4 × VREF (20 V)
16
±1
AD5362
16
4 × VREF (20 V)
8
±4
AD5363
14
4 × VREF (20 V)
8
±1
AD5370
16
4 × VREF (12 V)
40
±4
AD5371
14
4 × VREF (12 V)
40
±1
AD5372
16
4 × VREF (12 V)
32
±4
AD5373
14
4 × VREF (12 V)
32
±1
AD5378
14
±8.75 V
32
±3
AD5379
14
±8.75 V
40
±3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com