Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5362 Datasheet HTML 3Page - Analog Devices AD5362 Datasheet HTML 4Page - Analog Devices AD5362 Datasheet HTML 5Page - Analog Devices AD5362 Datasheet HTML 6Page - Analog Devices AD5362 Datasheet HTML 7Page - Analog Devices AD5362 Datasheet HTML 8Page - Analog Devices AD5362 Datasheet HTML 9Page - Analog Devices AD5362 Datasheet HTML 10Page - Analog Devices AD5362 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD5362/AD5363
Rev. A | Page 6 of
28
AC CHARACTERISTICS
DVCC = 2.5 V; VDD = 15 V; VSS = −15 V; VREF = 5 V; AGND = DGND = SIGGND0 = SIGGND1 = 0 V; CL = 200 pF; RL = 10 kΩ; gain (M),
offset (C), and DAC offset registers at default values; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
B Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
Output Voltage Settling Time
20
μs typ
Full-scale change
30
μs max
DAC latch contents alternately loaded with all 0s and all 1s
Slew Rate
1
V/μs typ
Digital-to-Analog Glitch Energy
5
nV-s typ
Glitch Impulse Peak Amplitude
10
mV max
Channel-to-Channel Isolation
100
dB typ
VREF0, VREF1 = 2 V p-p, 1 kHz
DAC-to-DAC Crosstalk
10
nV-s typ
Digital Crosstalk
0.2
nV-s typ
Digital Feedthrough
0.02
nV-s typ
Effect of input bus activity on DAC output under test
Output Noise Spectral Density @ 10 kHz
250
nV/√Hz typ
VREF0 = VREF1 = 0 V
1 Guaranteed by design and characterization
; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com