Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5362 Datasheet HTML 7Page - Analog Devices AD5362 Datasheet HTML 8Page - Analog Devices AD5362 Datasheet HTML 9Page - Analog Devices AD5362 Datasheet HTML 10Page - Analog Devices AD5362 Datasheet HTML 11Page - Analog Devices AD5362 Datasheet HTML 12Page - Analog Devices AD5362 Datasheet HTML 13Page - Analog Devices AD5362 Datasheet HTML 14Page - Analog Devices AD5362 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD5362/AD5363
Rev. A | Page 10 of
28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
60 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
VDD to AGND
−0.3 V to +17 V
VSS to AGND
−17 V to +0.3 V
DVCC to DGND
−0.3 V to +7 V
Digital Inputs to DGND
−0.3 V to DVCC + 0.3 V
Digital Outputs to DGND
−0.3 V to DVCC + 0.3 V
VREF0, VREF1 to AGND
−0.3 V to +5.5 V
VOUT0 through VOUT7 to AGND
VSS − 0.3 V to VDD + 0.3 V
SIGGND0, SIGGND1 to AGND
−1 V to +1 V
AGND to DGND
−0.3 V to +0.3 V
MON_IN0, MON_IN1, MON_OUT
to AGND
VSS − 0.3 V to VDD + 0.3 V
Operating Temperature Range (TA)
Industrial (J Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature
(TJ max)
130°C
θJA Thermal Impedance
52-Lead LQFP
38°C/W
56-Lead LFCSP
25°C/W
Reflow Soldering
Peak Temperature
230°C
Time at Peak Temperature
10 sec to 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com