Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 1 Page - Analog Devices

  AD5362 Datasheet HTML 1Page - Analog Devices AD5362 Datasheet HTML 2Page - Analog Devices AD5362 Datasheet HTML 3Page - Analog Devices AD5362 Datasheet HTML 4Page - Analog Devices AD5362 Datasheet HTML 5Page - Analog Devices AD5362 Datasheet HTML 6Page - Analog Devices AD5362 Datasheet HTML 7Page - Analog Devices AD5362 Datasheet HTML 8Page - Analog Devices AD5362 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
8-Channel, 16-/14-Bit,
Serial Input, Voltage Output DAC
AD5362/AD5363
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
8-channel DAC in 52-lead LQFP and 56-lead LFCSP packages
Guaranteed monotonic to 16/14 bits
Nominal output voltage range of −10 V to +10 V
Multiple output voltage spans available
Thermal shutdown function
Channel monitoring multiplexer
GPIO function
System calibration function allowing user-programmable
offset and gain
Channel grouping and addressing features
Data error checking feature
SPI-compatible serial interface
2.5 V to 5.5 V digital interface
Digital reset (RESET)
Clear function to user-defined SIGGNDx
Simultaneous update of DAC outputs
APPLICATIONS
Instrumentation
Industrial control systems
Level setting in automatic test equipment (ATE)
Variable optical attenuators (VOA)
Optical line cards
FUNCTIONAL BLOCK DIAGRAM
SERIAL
INTERFACE
8
6
nn
8
8
14
n
··
·
··
·
··
·
··
·
·
14
14
··
·
··
·
··
·
··
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
SDI
SCLK
SDO
SYNC
BUSY
RESET
CLR
STATE
MACHINE
CONTROL
REGISTER
GPIO
REGISTER
GPIO
MON_OUT
MON_IN1
MON_IN0
PEC
TEMP_OUT
BIN/2SCOMP
TEMP
SENSOR
AD5362/
AD5363
n = 16 FOR AD5362
n = 14 FOR AD5363
A/B SELECT
REGISTER
TO
MUX 2s
DAC 4
REGISTER
OFS0
REGISTER
OFFSET
DAC 0
OFFSET
DAC 1
DAC 4
BUFFER
BUFFER
BUFFER
BUFFER
GROUP 0
GROUP 1
OUTPUT BUFFER
AND POWER-
DOWN CONTROL
OUTPUT BUFFER
AND POWER-
DOWN CONTROL
OUTPUT BUFFER
AND POWER-
DOWN CONTROL
OUTPUT BUFFER
AND POWER-
DOWN CONTROL
VREF0
VOUT0
VOUT1
VOUT2
VOUT4
VOUT5
VOUT6
VOUT7
VOUT3
SIGGND0
SIGGND1
VREF1
n
n
n
n
n
n
n
n
X1 REGISTER
M REGISTER
C REGISTER
MUX
2
DVCC
VDD
VSS AGND DGND
LDAC
2
MUX
VOUT0 TO
VOUT7
A/B
MUX
X2A REGISTER
X2B REGISTER
nn
8
8
A/B SELECT
REGISTER
TO
MUX 2s
DAC 0
REGISTER
DAC 0
n
n
n
n
n
n
n
X1 REGISTER
M REGISTER
C REGISTER
MUX
2
A/B
MUX
X2A REGISTER
X2B REGISTER
n
n
DAC 7
REGISTER
DAC 7
n
n
n
n
n
n
n
X1 REGISTER
M REGISTER
C REGISTER
MUX
2
A/B
MUX
X2A REGISTER
X2B REGISTER
n
n
DAC 3
REGISTER
DAC 3
n
n
n
n
n
n
n
X1 REGISTER
M REGISTER
C REGISTER
MUX
2
A/B
MUX
X2A REGISTER
X2B REGISTER
OFS1
REGISTER
Figure 1.


Similar Part No. - AD5362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5362 AD-AD5362 Datasheet
295Kb / 25P
8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5362BCPZ AD-AD5362BCPZ Datasheet
295Kb / 25P
8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5362BSTZ AD-AD5362BSTZ Datasheet
295Kb / 25P
8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
More results

Similar Description - AD5362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5362 AD-AD5362 Datasheet
295Kb / 25P
8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5371 AD-AD5371 Datasheet
300Kb / 25P
40-Channel, 14-Bit Serial Input, Voltage-Output DAC
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com