Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5362 Datasheet HTML 15Page - Analog Devices AD5362 Datasheet HTML 16Page - Analog Devices AD5362 Datasheet HTML 17Page - Analog Devices AD5362 Datasheet HTML 18Page - Analog Devices AD5362 Datasheet HTML 19Page - Analog Devices AD5362 Datasheet HTML 20Page - Analog Devices AD5362 Datasheet HTML 21Page - Analog Devices AD5362 Datasheet HTML 22Page - Analog Devices AD5362 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD5362/AD5363
Rev. A | Page 18 of 28
OUTPUT AMPLIFIER
Because the output amplifiers can swing to 1.4 V below the
positive supply and 1.4 V above the negative supply, this limits
how much the output can be offset for a given reference voltage.
For example, it is not possible to have a unipolar output range
of 20 V, because the maximum supply voltage is ±16.5 V.
CLR
CLR
CLR
DAC
CHANNEL
OFFSET
DAC
OUTPUT
R6
10kΩ
R2
20kΩ
S3
S2
S1
R4
60kΩ
R3
20kΩ
SIGGNDx
SIGGNDx
R5
60kΩ
R1
20kΩ
Figure 23. Output Amplifier and Offset DAC
Figure 23 shows details of a DAC output amplifier and its connec-
tions to the offset DAC. On power-up, S1 is open, disconnecting
the amplifier from the output. S3 is closed, so the output is pulled
to SIGGNDx (R1 and R2 are greater than R6). S2 is also closed to
prevent the output amplifier from being open-loop. If CLR is low at
power-up, the output remains in this condition until CLR is taken
high. The DAC registers can be programmed, and the outputs
assume the programmed values when CLR is taken high. Even if
CLR is high at power-up, the output remains in this condition
until VDD > 6 V and VSS < −4 V and the initialization sequence has
finished. The outputs then go to their power-on default value.
TRANSFER FUNCTION
The output voltage of a DAC in the AD5362/AD5363 is depen-
dent on the value in the input register, the value of the M and C
registers, and the value in the offset DAC.
AD5362 Transfer Function
The input code is the value in the X1A or X1B register that is
applied to the DAC (X1A, X1B default code = 32,768).
DAC_CODE = INPUT_CODE × (M + 1)/216 + C − 215
where:
M = code in gain register − default code = 216 – 1.
C = code in offset register − default code = 215.
The DAC output voltage is calculated as follows:
VOUT = 4 × VREF × (DAC_CODE − (OFFSET_CODE ×
4))/216 + VSIGGND
where:
DAC_CODE should be within the range of 0 to 65,535.
For 12 V span, VREF = 3.0 V.
For 20 V span, VREF = 5.0 V.
OFFSET_CODE is the code loaded to the offset DAC. It is
multiplied by 4 in the transfer function because this DAC is a
14-bit device. On power-up, the default code loaded to the
offset DAC is 8192 (0x2000). With a 5 V reference, this gives
a span of −10 V to +10 V.
AD5363 Transfer Function
The input code is the value in the X1A or X1B register that is
applied to the DAC (X1A, X1B default code = 8192).
DAC_CODE = INPUT_CODE × (M + 1)/214 + C − 213
where:
M = code in gain register − default code = 214 – 1.
C = code in offset register − default code = 213.
The DAC output voltage is calculated as follows:
VOUT = 4 × VREF × (DAC_CODE − OFFSET_CODE)/
214 + VSIGGND
where:
DAC_CODE should be within the range of 0 to 16,383.
For 12 V span, VREF = 3.0 V.
For 20 V span, VREF = 5.0 V.
OFFSET_CODE is the code loaded to the offset DAC. On power-
up, the default code loaded to the offset DAC is 8192 (0x2000).
With a 5 V reference, this gives a span of −10 V to +10 V.
REFERENCE SELECTION
The AD5362/AD5363 have two reference input pins. The
voltage applied to the reference pins determines the output
voltage span on VOUT0 to VOUT7. VREF0 determines the
voltage span for VOUT0 to VOUT3 (Group 0), and VREF1
determines the voltage span for VOUT4 to VOUT7 (Group 1).
The reference voltage applied to each VREF pin can be differ-
ent, if required, allowing each group of four channels to have a
different voltage span. The output voltage range and span can
be adjusted further by programming the offset and gain
registers for each channel as well as programming the offset
DAC. If the offset and gain features are not used (that is, the M
and C registers are left at their default values), the required
reference levels can be calculated as follows:
VREF = (VOUTMAX − VOUTMIN)/4
If the offset and gain features of the AD5362/AD5363 are used,
the required output range is slightly different. The selected
output range should take into account the system offset and
gain errors that need to be trimmed out. Therefore, the selected
output range should be larger than the actual, required range.
The required reference levels can be calculated as follows:
1.
Identify the nominal output range on VOUT.
2.
Identify the maximum offset span and the maximum gain
required on the full output signal range.
3.
Calculate the new maximum output range on VOUT,
including the expected maximum offset and gain errors.
4.
Choose the new required VOUTMAX and VOUTMIN, keep-
ing the VOUT limits centered on the nominal values. Note
that VDD and VSS must provide sufficient headroom.
5.
Calculate the value of VREF as follows:
VREF = (VOUTMAX − VOUTMIN)/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com