Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5362 Datasheet HTML 8Page - Analog Devices AD5362 Datasheet HTML 9Page - Analog Devices AD5362 Datasheet HTML 10Page - Analog Devices AD5362 Datasheet HTML 11Page - Analog Devices AD5362 Datasheet HTML 12Page - Analog Devices AD5362 Datasheet HTML 13Page - Analog Devices AD5362 Datasheet HTML 14Page - Analog Devices AD5362 Datasheet HTML 15Page - Analog Devices AD5362 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
AD5362/AD5363
Rev. A | Page 11 of
28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
52 51 50 49 48
43 42 41 40
47 46 45 44
14 15 16 17 18 19 20 21 22 23 24 25 26
1
2
3
4
5
6
7
8
9
10
11
13
12
39
38
37
36
35
34
33
32
31
30
29
28
27
LDAC
CLR
RESET
BIN/2SCOMP
BUSY
GPIO
MON_OUT
MON_IN0
NC
NC
VDD
VSS
VREF1
NC
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
TEMP_OUT
MON_IN1
VREF0
NC
VSS
VDD
NC
NC = NO CONNECT
PIN 1
INDICATOR
AD5362/
AD5363
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
AD5362/
AD5363
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
RESET
BIN/2SCOMP
BUSY
GPIO
MON_OUT
MON_IN0
NC
NC
NC
NC
NC
VDD
VSS
VREF1
NC = NO CONNECT
NC
NC
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
TEMP_OUT
MON_IN1
VREF0
NC
NC
VSS
VDD
Figure 7. 52-Lead LQFP Pin Configuration
Figure 8. 56-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
LQFP
LFCSP
1
55
LDAC
Load DAC Logic Input (Active Low). See the BUSY and LDAC Functions section
for more information.
2
56
CLR
Asynchronous Clear Input (Level Sensitive, Active Low). See the Clear Function
section for more information.
3
1
RESET
Digital Reset Input.
4
2
BIN/2SCOMP
Data Format Digital Input. Connecting this pin to DGND selects offset binary.
Setting this pin to 1 selects twos complement. This input has a weak pull-down.
5
3
BUSY
Digital Input/Open-Drain Output. BUSY is open drain when it is an output. See
the BUSY and LDAC Functions section for more information.
6
4
GPIO
Digital I/O Pin. This pin can be configured as an input or output that can be
read back or programmed high or low via the serial interface. When configured
as an input, this pin has a weak pull-down.
7
5
MON_OUT
Analog Multiplexer Output. Any DAC output, the MON_IN0 input, or the
MON_IN1 input can be routed to this output for monitoring.
8, 32
6, 34
MON_IN0,
MON_IN1
Analog Multiplexer Inputs. Can be routed to MON_OUT.
9, 10, 14, 20 to
27, 30, 39 to 42
7 to 11, 15, 16,
22 to 28, 31, 32,
41 to 44
NC
No Connect.
11, 28
12, 29
VDD
Positive Analog Power Supply; 9 V to 16.5 V for specified performance. These
pins should be decoupled with 0.1 μF ceramic capacitors and 10 μF capacitors.
12, 29
13, 30
VSS
Negative Analog Power Supply; −16.5 V to −8 V for specified performance.
These pins should be decoupled with 0.1 μF ceramic capacitors and 10 μF
capacitors.
13
14
VREF1
Reference Input for DAC 4 to DAC 7. This reference voltage is referred to AGND.
34 to 37, 15 to 18
36 to 39, 17 to 20
VOUT0 to VOUT7
DAC Outputs. Buffered analog outputs for each of the eight DAC channels.
Each analog output is capable of driving an output load of 10 kΩ to ground.
Typical output impedance of these amplifiers is 0.5 Ω.
19
21
SIGGND1
Reference Ground for DAC 4 to DAC 7. VOUT4 to VOUT7 are referenced to this
voltage.
31
33
VREF0
Reference Input for DAC 0 to DAC 3. This reference voltage is referred to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com