Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5362 Datasheet HTML 9Page - Analog Devices AD5362 Datasheet HTML 10Page - Analog Devices AD5362 Datasheet HTML 11Page - Analog Devices AD5362 Datasheet HTML 12Page - Analog Devices AD5362 Datasheet HTML 13Page - Analog Devices AD5362 Datasheet HTML 14Page - Analog Devices AD5362 Datasheet HTML 15Page - Analog Devices AD5362 Datasheet HTML 16Page - Analog Devices AD5362 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD5362/AD5363
Rev. A | Page 12 of
28
Pin No.
Mnemonic
Description
LQFP
LFCSP
33
35
TEMP_OUT
Provides an output voltage proportional to the chip temperature, typically
1.46 V at 25°C with an output variation of 4.4 mV/°C.
38
40
SIGGND0
Reference Ground for DAC 0 to DAC 3. VOUT0 to VOUT3 are referenced to this
voltage.
43, 51
45, 53
DGND
Ground for All Digital Circuitry. Both DGND pins should be connected to the
DGND plane.
44, 50
46, 52
DVCC
Logic Power Supply; 2.5 V to 5.5 V. These pins should be decoupled with 0.1 μF
ceramic capacitors and 10 μF capacitors.
45
47
SYNC
Active Low or SYNC Input for SPI Interface. This is the frame synchronization
signal for the SPI serial interface. See
,
, and the
section for more details.
Figure 4 Figure 5
Serial Interface
46
48
SCLK
Serial Clock Input for SPI Interface. See Figure 4, Figure 5, and the Serial Interface
section for more details.
47
49
SDI
Serial Data Input for SPI Interface. See Figure 4, Figure 5, and the Serial Interface
section for more details.
48
50
PEC
Packet Error Check Output. This is an open-drain output with a 50 kΩ pull-up
that goes low if the packet error check fails.
49
51
SDO
Serial Data Output for SPI Interface. See Figure 4, Figure 5, and the Serial
Interface section for more details.
52
54
AGND
Ground for All Analog Circuitry. The AGND pin should be connected to the
AGND plane.
Exposed Paddle
EP
Exposed Paddle. Connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com