Electronic Components Datasheet Search
  English  ▼

X  

AD5380 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 28Page - Analog Devices AD5380_15 Datasheet HTML 29Page - Analog Devices AD5380_15 Datasheet HTML 30Page - Analog Devices AD5380_15 Datasheet HTML 31Page - Analog Devices AD5380_15 Datasheet HTML 32Page - Analog Devices AD5380_15 Datasheet HTML 33Page - Analog Devices AD5380_15 Datasheet HTML 34Page - Analog Devices AD5380_15 Datasheet HTML 35Page - Analog Devices AD5380_15 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
AD5380
Data Sheet
MICROPROCESSOR INTERFACING
Parallel Interface
The AD5380 can be interfaced to a variety of 16-bit microcon-
trollers or DSP processors. Figure 35 shows the AD5380 family
interfaced to a generic 16-bit microcontroller/DSP processor.
The lower address lines from the processor are connected to
A0 to A5 on the AD5380. The upper address lines are decoded
to provide a CS, LDAC signal for the AD5380. The fast interface
timing of the AD5380 allows direct interface to a wide variety
of microcontrollers and DSPs, as shown in Figure 35.
AD5380 to MC68HC11
The serial peripheral interface (SPI) on the MC68HC11 is
configured for Master mode (MSTR = 1), Clock Polarity bit
(CPOL) = 0, and the Clock Phase bit (CPHA) = 1. The SPI is
configured by writing to the SPI control register (SPCR)—see
the 68HC11 User Manual. SCK of the 68HC11 drives the SCLK
of the AD5380, the MOSI output drives the serial data line
(DIN) of the AD5380, and the MISO input is driven from SDO.
The SYNC signal is derived from a port line (PC7). When data
is being transmitted to the AD5380, the SYNC line is taken low
(PC7). Data appearing on the MOSI output is valid on the
falling edge of SCK. Serial data from the 68HC11 is transmitted
in 8-bit bytes with only eight falling clock edges occurring in
the transmit cycle.
Figure 34. AD5380-to-MC68HC11 Interface
Figure 35. AD5380-to-Parallel Interface
MC68HC11
AD5380
MISO
MOSI
SCK
PC7
SDO
RESET
SER/PAR
DIN
SCLK
SYNC
SPI/I2C
DVDD
µCONTROLLER/
DSP PROCESSOR1
AD5380
ADDRESS
DECODE
UPPER BITS OF
ADDRESS BUS
DATA
BUS
A5
D15
D0
A4
A3
A2
A1
A0
R/W
A5
A4
A3
A2
A1
A0
WR
REG1
REG0
D13
D0
CS
LDAC
1ADDITIONAL PINS OMITTED FOR CLARITY.
Rev. D | Page 32 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com