Electronic Components Datasheet Search
  English  ▼

X  

AD5380 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 5 Page - Analog Devices

  AD5380_15 Datasheet HTML 1Page - Analog Devices AD5380_15 Datasheet HTML 2Page - Analog Devices AD5380_15 Datasheet HTML 3Page - Analog Devices AD5380_15 Datasheet HTML 4Page - Analog Devices AD5380_15 Datasheet HTML 5Page - Analog Devices AD5380_15 Datasheet HTML 6Page - Analog Devices AD5380_15 Datasheet HTML 7Page - Analog Devices AD5380_15 Datasheet HTML 8Page - Analog Devices AD5380_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
AD5380
SPECIFICATIONS
AD5380-5 SPECIFICATIONS
AVDD = 4.5 V to 5.5 V; DVDD = 2.7 V to 5.5 V, AGND = DGND = 0 V; External REFIN = 2.5 V; all specifications TMIN to TMAX,
unless otherwise noted.
Table 1.
Parameter
AD5380-51
Unit
Test Conditions/Comments
ACCURACY
Resolution
14
Bits
Relative Accuracy (INL)2
±4
LSB max
±1 LSB typical
Differential Nonlinearity (DNL)
–1/+2
LSB max
Guaranteed monotonic by design over temperature
Zero-Scale Error
4
mV max
Offset Error
±4
mV max
Measured at code 32 in the linear region
Offset Error TC
±5
µV/°C typ
Gain Error
±0.05
% FSR max
At 25°C
±0.06
% FSR max
TMIN to TMAX
Gain Temperature Coefficient3
2
ppm FSR/°C typ
DC Crosstalk3
1
LSB max
REFERENCE INPUT/OUTPUT
Reference Input3
Reference Input Voltage
2.5
V
±1% for specified performance, AVDD = 2 × REFIN + 50 mV
DC Input Impedance
1
MΩ min
Typically 100 MΩ
Input Current
±1
µA max
Typically ±30 nA
Reference Range
1 to VDD/2
V min/max
Reference Output4
Enabled via CR10 in the AD5380 control register; CR12
selects the reference voltage
Output Voltage
2.495/2.505
V min/max
At ambient, CR12 = 1, optimized for 2.5 V operation
1.22/1.28
V min/max
CR12 = 0
Reference TC3
±10
ppm max
Temperature range: +25°C to +85°C
±15
ppm max
Temperature range: −40°C to +85°C
Output Impedance
800
Ω typ
OUTPUT CHARACTERISTICS3
Output Voltage Range2
0/AVDD
V min/max
Short-Circuit Current
40
mA max
Load Current
±1
mA max
Capacitive Load Stability
RL = ∞
200
pF max
RL = 5 kΩ
1000
pF max
DC Output Impedance
0.6
Ω max
MONITOR PIN
Output Impedance
1
kΩ typ
Three-State Leakage Current
100
nA typ
LOGIC INPUTS (EXCEPT SDA/SCL)3
DVDD = 2.7 V to 5.5 V
VIH, Input High Voltage
2
V min
VIL, Input Low Voltage
DVDD > 3.6 V
0.8
V max
DVDD ≤ 3.6 V
0.6
V max
Input Current
±1
µA max
Total for all pins; TA = TMIN to TMAX
Pin Capacitance
10
pF max
Rev. D | Page 5 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com