Electronic Components Datasheet Search
  English  ▼

X  

AD5380 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 10Page - Analog Devices AD5380_15 Datasheet HTML 11Page - Analog Devices AD5380_15 Datasheet HTML 12Page - Analog Devices AD5380_15 Datasheet HTML 13Page - Analog Devices AD5380_15 Datasheet HTML 14Page - Analog Devices AD5380_15 Datasheet HTML 15Page - Analog Devices AD5380_15 Datasheet HTML 16Page - Analog Devices AD5380_15 Datasheet HTML 17Page - Analog Devices AD5380_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD5380
Data Sheet
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted1.
Table 7.
Parameter
Rating
AVDD to AGND
–0.3 V to +7 V
DVDD to DGND
–0.3 V to +7 V
Digital Inputs to DGND
–0.3 V to DVDD + 0.3 V
SDA/SCL to DGND
–0.3 V to +7 V
Digital Outputs to DGND
–0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND
–0.3 V to AVDD + 0.3 V
AGND to DGND
–0.3 V to +0.3 V
VOUTx to AGND
–0.3 V to AVDD + 0.3 V
Analog Inputs to AGND
–0.3 V to AVDD + 0.3 V
Operating Temperature Range
Commercial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature (TJ MAX)
150°C
100-Lead LQFP Package
θJA Thermal Impedance
44°C/W
Reflow Soldering
Peak Temperature
230°C
ESD
HBM
6.5 kV
FICDM
2 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect device
reliability.
ESD CAUTION
1
Transient currents of up to 100 mA will not cause SCR latch-up.
Rev. D | Page 14 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com