Electronic Components Datasheet Search
  English  ▼

X  

AD5380 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 24Page - Analog Devices AD5380_15 Datasheet HTML 25Page - Analog Devices AD5380_15 Datasheet HTML 26Page - Analog Devices AD5380_15 Datasheet HTML 27Page - Analog Devices AD5380_15 Datasheet HTML 28Page - Analog Devices AD5380_15 Datasheet HTML 29Page - Analog Devices AD5380_15 Datasheet HTML 30Page - Analog Devices AD5380_15 Datasheet HTML 31Page - Analog Devices AD5380_15 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD5380
Data Sheet
Daisy-Chain Mode
For systems that contain several devices, the SDO pin may be
used to daisy-chain several devices together. This daisy-chain
mode can be useful in system diagnostics and in reducing the
number of serial interface lines.
By connecting the DCEN (daisy-chain enable) pin high, daisy-
chain mode is enabled. The first falling edge of SYNC starts the
write cycle. The SCLK is continuously applied to the input shift
register when SYNC is low. If more than 24 clock pulses are
applied, the data ripples out of the shift register and appears
on the SDO line. This data is clocked out on the rising edge of
SCLK and is valid on the falling edge. By connecting the SDO
of the first device to the DIN input on the next device in the
chain, a multidevice interface is constructed. Twenty-four clock
pulses are required for each device in the system. Therefore, the
total number of clock cycles must equal 24N, where N is the
total number of AD538x devices in the chain.
When the serial transfer to all devices is complete, SYNC is
taken high. This latches the input data in each device in the
daisy-chain and prevents any further data from being clocked
into the input shift register.
If the SYNC is taken high before 24 clocks are clocked into the
part, this is considered a bad frame and the data is discarded.
The serial clock may be either a continuous or a gated clock. A
continuous SCLK source can only be used if it can be arranged
that SYNC is held low for the correct number of clock cycles. In
gated clock mode, a burst clock containing the exact number of
clock cycles must be used and SYNC must be taken high after
the final clock to latch the data.
Readback Mode
Readback mode is invoked by setting the R/W bit = 1 in the
serial input register write. With R/W = 1, Bits A5 to A0, in
association with Bits REG1 and REG0, select the register to be
read. The remaining data bits in the write sequence are don’t
cares. During the next SPI write, the data appearing on the
SDO output will contain the data from the previously addressed
register. For a read of a single register, the NOP command can be
used in clocking out the data from the selected register on SDO.
Figure 30 shows the readback sequence. For example, to read
back the m register of Channel 0 on the AD5380, the following
sequence should be implemented. First, write 0x404XXX to the
AD5380 input register. This configures the AD5380 for read
mode with the m register of Channel 0 selected. Note that Data
Bits DB13 to DB0 are don’t cares. Follow this with a second
write, a NOP condition, 0x000000. During this write, the data
from the m register is clocked out on the SDO line, that is, data
clocked out will contain the data from the m register in Bits
DB13 to DB0, and the top 10 bits contain the address infor-
mation as previously written. In readback mode, the SYNC
signal must frame the data. Data is clocked out on the rising
edge of SCLK and is valid on the falling edge of the SCLK
signal. If the SCLK idles high between the write and read
operations of a readback operation, the first bit of data is
clocked out on the falling edge of SYNC.
Figure 30. Serial Readback Operation
24
48
SCLK
SYNC
DIN
SDO
UNDEFINED
SELECTED REGISTER DATA CLOCKED OUT
NOP CONDITION
INPUT WORD SPECIFIES REGISTER TO BE READ
DB23
DB0
DB0
DB23
DB23
DB0
DB0
DB23
Rev. D | Page 28 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com