Electronic Components Datasheet Search
  English  ▼

X  

AD5380 Datasheet(PDF) 35 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 31Page - Analog Devices AD5380_15 Datasheet HTML 32Page - Analog Devices AD5380_15 Datasheet HTML 33Page - Analog Devices AD5380_15 Datasheet HTML 34Page - Analog Devices AD5380_15 Datasheet HTML 35Page - Analog Devices AD5380_15 Datasheet HTML 36Page - Analog Devices AD5380_15 Datasheet HTML 37Page - Analog Devices AD5380_15 Datasheet HTML 38Page - Analog Devices AD5380_15 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
AD5380
Rev. D | Page 35 of 40
Figure 41. AVDD Power Supply Controlled by a Load Switch
Figure 42. DVDD Power Supply Controlled by a Load Switch
TYPICAL CONFIGURATION CIRCUIT
Figure 43 shows a typical configuration for the AD5380-5
when configured for use with an external reference. In the
circuit shown, all AGND, SIGNAL_GND, and DAC_GND pins
are tied together to a common AGND. AGND and DGND are
connected together at the AD5380 device. On power-up, the
AD5380 defaults to external reference operation. All AVDD
lines are connected together and driven from the same 5 V
source. It is recommended to decouple close to the device
with a 0.1 μF ceramic and a 10 μF tantalum capacitor. In this
application, the reference for the AD5380-5 is provided
externally from either an ADR421 or ADR431 2.5 V reference.
Suitable external references for the AD5380-3 include the
ADR3412 1.2 V reference. The reference should be decoupled at
the REFOUT/REFIN pin of the device with a 0.1 μF capacitor.
Figure 43. Typical Configuration with External Reference
Figure 44 shows a typical configuration when using the internal
reference. On power-up, the AD5380 defaults to an external
reference; therefore, the internal reference needs to be config-
ured and turned on via a write to the AD5380 control register.
Control Register Bit CR12 allows the user to choose the
reference value; Bit CR 10 is used to select the internal
reference. It is recommended to use the 2.5 V reference when
AVDD = 5 V, and the 1.25 V reference when AVDD = 3 V.
Figure 44. Typical Configuration with Internal Reference
Digital connections have been omitted for clarity. The AD5380
contains an internal power-on reset circuit with a 10 ms brown-
out time. If the power supply ramp rate exceeds 10 ms, the user
should reset the AD5380 as part of the initialization process to
ensure the calibration data gets loaded correctly into the device.
VIN1
ADP196
AD5380
EN AGND
AVDD
DVDD
VIN2
VOUT1
VOUT2
AGND
DGND
AVDD
DVDD
VIN1
ADP196
AD5380
EN AGND
DVDD
AVDD
VIN2
VOUT1
VOUT2
AGND
DGND
DVDD
AVDD
ADR431/
ADR421
AD5380-5
AVDD
DVDD
SIGNAL_GND
DAC_GND
DGND
VOUT39
VOUT0
AGND
REFOUT/REFIN
REFGND
0.1
F
10
F
0.1
F
0.1
F
AVDD
DVDD
AD5380
AVDD
DVDD
SIGNAL_GND
DAC_GND
DGND
VOUT39
VOUT0
AGND
REFOUT/REFIN
REFGND
0.1
F
10
F
0.1
F
0.1
F
AVDD
DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com