Electronic Components Datasheet Search
  English  ▼

X  

AD5380 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 4 Page - Analog Devices

  AD5380_15 Datasheet HTML 1Page - Analog Devices AD5380_15 Datasheet HTML 2Page - Analog Devices AD5380_15 Datasheet HTML 3Page - Analog Devices AD5380_15 Datasheet HTML 4Page - Analog Devices AD5380_15 Datasheet HTML 5Page - Analog Devices AD5380_15 Datasheet HTML 6Page - Analog Devices AD5380_15 Datasheet HTML 7Page - Analog Devices AD5380_15 Datasheet HTML 8Page - Analog Devices AD5380_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD5380
Data Sheet
GENERAL DESCRIPTION
The AD5380 is a complete, single-supply, 40-channel, 14-bit
denseDAC® available in a 100-lead LQFP package. All 40
channels have an on-chip output amplifier with rail-to-rail
operation. The AD5380 includes a programmable internal
1.25 V/2.5 V, 10 ppm/°C reference, an on-chip channel monitor
function that multiplexes the analog outputs to a common
MON_OUT pin for external monitoring, and an output
amplifier boost mode that allows optimization of the amplifier
slew rate. The AD5380 contains a double-buffered parallel
interface that features a 20 ns WR pulse width, an SPI-, QSPI-,
-MICROWIRE, -DSP compatible serial interface with interface
speeds in excess of 30 MHz, and an I2C-compatible interface
that supports a 400 kHz data transfer rate.
An input register followed by a DAC register provides double
buffering, allowing the DAC outputs to be updated
independently or simultaneously using the LDAC input.
Each channel has a programmable gain and offset adjust register
that allows the user to fully calibrate any DAC channel. Power
consumption is typically 0.25 mA/channel with boost off.
Rev. D | Page 4 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com